Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 160 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  MC68HC908JB16 Technical Data
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 160 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 156Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 157Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 158Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 159Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 160Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 161Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 162Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 163Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 164Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 332 page
background image
Timer Interface Module (TIM)
Technical Data
MC68HC908JB16 — Rev. 1.1
160
Timer Interface Module (TIM)
Freescale Semiconductor
In input capture mode (MSxB:MSxA = 0:0), reading the high byte of the
TIM channel x registers (TCHxH) inhibits input captures until the low
byte (TCHxL) is read.
In output compare mode (MSxB:MSxA
≠ 0:0), writing to the high byte of
the TIM channel x registers (TCHxH) inhibits output compares until the
low byte (TCHxL) is written.
Address: T1CH0H, $0011 and T2CH0H, $0047
Bit 7
654321
Bit 0
Read:
Bit 15
14
13
12
11
10
9
Bit 8
Write:
Reset:
Indeterminate after reset
Figure 10-12. TIM Channel 0 Register High (TCH0H)
Address: T1CH0L, $0012 and T2CH0L $0048
Bit 7
654321
Bit 0
Read:
Bit 7
654321
Bit 0
Write:
Reset:
Indeterminate after reset
Figure 10-13. TIM Channel 0 Register Low (TCH0L)
Address: T1CH1H, $0014 and T2CH1H, $004A
Bit 7
654321
Bit 0
Read:
Bit 15
14
13
12
11
10
9
Bit 8
Write:
Reset:
Indeterminate after reset
Figure 10-14. TIM Channel 1 Register High (TCH1H)
Address: T1CH1L, $0015 and T2CH1L, $004B
Bit 7
654321
Bit 0
Read:
Bit 7
654321
Bit 0
Write:
Reset:
Indeterminate after reset
Figure 10-15. TIM Channel 1 Register Low (TCH1L)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com