Electronic Components Datasheet Search
  English  ▼

X  

MRF321 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MRF321
Description  RF POWER TRANSISTOR NPN SILICON
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF321 Datasheet(HTML) 4 Page - Motorola, Inc

  MRF321 Datasheet HTML 1Page - Motorola, Inc MRF321 Datasheet HTML 2Page - Motorola, Inc MRF321 Datasheet HTML 3Page - Motorola, Inc MRF321 Datasheet HTML 4Page - Motorola, Inc MRF321 Datasheet HTML 5Page - Motorola, Inc MRF321 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MRF321
4
MOTOROLA RF DEVICE DATA
Figure 6. Series Equivalent Impedance
Zin
0
10
– 10
ZOL* = Conjugate of the optimum load impedance into which the device output operates at a given output power,
ZOL* = voltage and frequency.
5
– 5
f = 200 MHz
400
ZOL*
5
15
20
25
500
f = 200 MHz
400
500
Po = 10 W, VCC = 28 V
f
MHz
Zin
Ohms
ZOL*
Ohms
200
400
500
0.68 – j0.75
0.89 + j2.7
1.3 + j4.3
14.2 – j22
9.8 – j14.4
9.3 – j13



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com