Electronic Components Datasheet Search
  English  ▼

X  

MRF321 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MRF321
Description  RF POWER TRANSISTOR NPN SILICON
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF321 Datasheet(HTML) 3 Page - Motorola, Inc

  MRF321 Datasheet HTML 1Page - Motorola, Inc MRF321 Datasheet HTML 2Page - Motorola, Inc MRF321 Datasheet HTML 3Page - Motorola, Inc MRF321 Datasheet HTML 4Page - Motorola, Inc MRF321 Datasheet HTML 5Page - Motorola, Inc MRF321 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
MRF321
MOTOROLA RF DEVICE DATA
Figure 2. Output Power versus Frequency
Figure 3. Output Power versus Input Power
Figure 4. Output Power versus Supply Voltage
Figure 5. Power Gain versus Frequency
12
f, FREQUENCY (MHz)
600
10
8
6
4
2
500
400
300
200
100
12
Pin, INPUT POWER (mW)
10
8
6
4
2
300
0
600
900
1200
1500
12
VCC, SUPPLY VOLTAGE (VOLTS)
10
8
6
4
2
14
10
18
22
26
30
22
f, FREQUENCY (MHz)
18
500
400
300
200
14
10
6
2
VCC = 28 V
Pin = 0.5 W
0.35 W
f = 400 MHz
Po = 10 W
VCC = 28 V
0.7 W
0.5 W
0.4 W
0.3 W
0.2 W
Pin = 1 W
0.1 W
VCC = 28 V
400
500
f = 200 MHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com