Electronic Components Datasheet Search
  English  ▼

X  

MRF321 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MRF321
Description  RF POWER TRANSISTOR NPN SILICON
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF321 Datasheet(HTML) 2 Page - Motorola, Inc

  MRF321 Datasheet HTML 1Page - Motorola, Inc MRF321 Datasheet HTML 2Page - Motorola, Inc MRF321 Datasheet HTML 3Page - Motorola, Inc MRF321 Datasheet HTML 4Page - Motorola, Inc MRF321 Datasheet HTML 5Page - Motorola, Inc MRF321 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MRF321
2
MOTOROLA RF DEVICE DATA
ELECTRICAL CHARACTERISTICS — continued (TC = 25°C unless otherwise noted.)
Characteristic
Unit
Max
Typ
Min
Symbol
DYNAMIC CHARACTERISTICS
Output Capacitance
(VCB = 28 Vdc, IE = 0, f = 1.0 MHz)
Cob
—
10
12
pF
FUNCTIONAL TESTS (Figure 1)
Common–Emitter Amplifier Power Gain
(VCC = 28 Vdc, Pout = 10 W, f = 400 MHz)
GPE
12
13
—
dB
Collector Efficiency
(VCC = 28 Vdc, Pout = 10 W, f = 400 MHz)
η
50
60
—
%
Load Mismatch
(VCC = 28 Vdc, Pout = 10 W, f = 400 MHz,
VSWR = 30:1 all phase angles)
ψ
No Degradation in Output Power
Figure 1. 400 MHz Test Circuit Schematic
C1, C2, C3 — 1.0 – 20 pF Johanson Trimmer (JMC 5501)
C3, C4 — 47 pF ATC Chip Capacitor
C5, C10 — 0.1
µF Erie Redcap
C7 — 0.5 – 10 pF Johanson Trimmer (JMC 5201)
C8 — 0.018
µF Vitramon Chip Capacitor
C9 — 200 pF UNELCO Capacitor
C11, C12 — 680 pF Feedthru
C13 — 1.0
µF, 50 Volt Tantalum Capacitor
D1 — 1N4001
L1 — 0.33
µH Molded Choke with Ferroxcube Bead
L1 — (Ferroxcube 56–590–65/4B) on Ground End of Coil
L2 — 4 Turns #20 Enamel, 1/8
″ ID
L3 — 6 Turns #20 Enamel, 1/4
″ ID
L4 — Ferroxcube VK200–19/4B
R1 — 5.1
Ω, 1/4 Watt
R2 — 120
Ω, 1.0 Watt
R3 — 20
Ω, 1/2 Watt
R4 — 47
Ω, 1/2 Watt
Z1 — Microstrip 0.1
″ W x 1.35″ L
Z2 — Microstrip 0.1
″ W x 0.55″ L
Z3 — Microstrip 0.1
″ W x 0.8″ L
Z4 — Microstrip 0.1
″ W x 1.75″ L
Board — Glass Teflon,
εR = 2.56, t = 0.062″
Input/Output Connectors — Type N
R2
R3
D1
R4
C9
L1
L3
C10
C11
L4
C12
C13
+
–
+
–
28 V
RF
OUTPUT
RF
INPUT
Z1
Z2
Z3
Z4
C8
C1
C2
C3
C4
C5
R1
C6
C7
DUT
L2
+
–
5 V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com