Electronic Components Datasheet Search
  English  ▼

X  

STN3N40K3 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STN3N40K3
Description  N-channel 400 V, 3 Ω, 1.8 A SOT-223 SuperMESH3 Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN3N40K3 Datasheet(HTML) 3 Page - STMicroelectronics

  STN3N40K3 Datasheet HTML 1Page - STMicroelectronics STN3N40K3 Datasheet HTML 2Page - STMicroelectronics STN3N40K3 Datasheet HTML 3Page - STMicroelectronics STN3N40K3 Datasheet HTML 4Page - STMicroelectronics STN3N40K3 Datasheet HTML 5Page - STMicroelectronics STN3N40K3 Datasheet HTML 6Page - STMicroelectronics STN3N40K3 Datasheet HTML 7Page - STMicroelectronics STN3N40K3 Datasheet HTML 8Page - STMicroelectronics STN3N40K3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
STN3N40K3
Electrical ratings
Doc ID 17697 Rev 2
3/13
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain source voltage
400
V
VGS
Gate-source voltage
± 30
V
ID
Drain current continuous TC = 25 °C
1.8 (1)
1.
Drain current limited by maximum temperature allowed.
A
ID
Drain current continuous TC = 100 °C
1 (1)
A
IDM
(2)
2.
Pulse width limited by safe operating area.
Drain current pulsed
7.2
A
IAR
(3)
3.
Pulse width limited by TJmax.
Avalanche current, repetetive or not repetetive
0.6
A
EAS
(4)
4.
Starting Tj = 25 °C, ID = IAR, VDD = 50 V.
Single pulse avalanche energy
45
mJ
PTOT
Total dissipation at TC = 25 °C
3.3
W
dv/dt (5)
5.
Isd
≤1.8 A, di/dt ≤400 A/µs, VDD ≤80% V(BR)DSS.
Peak diode recovery voltage slope
12
V/ns
Vesd-(g-s) G-S ESD (HBM C 0 100 pF; R = 1.5 kΩ)
1000
V
Tj
Tstg
Operating junction temperature
Storage temperature
-55 to 150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
Rthj-case Thermal resistance junction-case max.
37.88
°C/W
Rthj-a
Thermal resistance junction-amb max.
60
°C/W
Tl
Maximum lead temperature for soldering
purpose
260
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com