Electronic Components Datasheet Search
  English  ▼

X  

STN3N40K3 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STN3N40K3
Description  N-channel 400 V, 3 Ω, 1.8 A SOT-223 SuperMESH3 Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN3N40K3 Datasheet(HTML) 5 Page - STMicroelectronics

  STN3N40K3 Datasheet HTML 1Page - STMicroelectronics STN3N40K3 Datasheet HTML 2Page - STMicroelectronics STN3N40K3 Datasheet HTML 3Page - STMicroelectronics STN3N40K3 Datasheet HTML 4Page - STMicroelectronics STN3N40K3 Datasheet HTML 5Page - STMicroelectronics STN3N40K3 Datasheet HTML 6Page - STMicroelectronics STN3N40K3 Datasheet HTML 7Page - STMicroelectronics STN3N40K3 Datasheet HTML 8Page - STMicroelectronics STN3N40K3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
STN3N40K3
Electrical characteristics
Doc ID 17697 Rev 2
5/13
Table 6.
Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max
Unit
td(on)
tr
td(off)
tf
Turn on delay time
Rise time
Turn off delay time
Fall time
VDD = 200 V, ID = 0.6,
RG = 4.7 Ω, VGS = 10 V
(see Figure 15)
-
7
8
18
14
-
ns
ns
ns
ns
Table 7.
Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
ISDM
(1)
1.
Pulse width limited by safe operating area.
Source-drain current
Source-drain current
(pulsed)
-
1.8
7.2
A
A
VSD
(2)
2.
Pulsed: pulse duration = 300 µs, duty cycle 1.5%
Forward on voltage
ISD = 0.6 A, VGS = 0
-
1.5
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 1.8 A, di/dt = 100 A/µs
VDD = 60 V
(see Figure 17)
-
145
490
7
ns
nC
A
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 1.8 A, di/dt = 100 A/µs
VDD = 60 V, Tj = 150 °C
(see Figure 17)
-
166
580
7
ns
nC
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com