Electronic Components Datasheet Search
  English  ▼

X  

AD9288 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9288
Description  8-Bit, 40/80/100 MSPS Dual A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9288 Datasheet(HTML) 4 Page - Analog Devices

  AD9288 Datasheet HTML 1Page - Analog Devices AD9288 Datasheet HTML 2Page - Analog Devices AD9288 Datasheet HTML 3Page - Analog Devices AD9288 Datasheet HTML 4Page - Analog Devices AD9288 Datasheet HTML 5Page - Analog Devices AD9288 Datasheet HTML 6Page - Analog Devices AD9288 Datasheet HTML 7Page - Analog Devices AD9288 Datasheet HTML 8Page - Analog Devices AD9288 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD9288
Rev. C | Page 4 of 24
Test
AD9288BST-100
AD9288BST-80
AD9288BST-40
Parameter
Temp
Level
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE6
Transient Response
25°C
V
2
2
2
ns
Overvoltage Recovery Time
25°C
V
2
2
2
ns
Signal-to-Noise Ratio (SNR)
(without Harmonics)
fIN = 10.3 MHz
25°C
I
47.5
47.5
44
47.5
dB
fIN = 26 MHz
25°C
I
47.5
44
47
dB
fIN = 41 MHz
25°C
I
44
47.0
dB
Signal-to-Noise Ratio
(SINAD) (with Harmonics)
fIN = 10.3 MHz
25°C
I
47
47
44
47
dB
fIN = 26 MHz
25°C
I
47
44
47
dB
fIN = 41 MHz
25°C
I
44
47
47
dB
Effective Number of Bits
fIN = 10.3 MHz
25°C
I
7.5
7.5
7.0
7.5
Bits
fIN = 26 MHz
25°C
I
7.5
7.0
7.5
Bits
fIN = 41 MHz
25°C
I
7.0
7.5
7.5
Bits
Second Harmonic Distortion
fIN = 10.3 MHz
25°C
I
70
70
55
70
dBc
fIN = 26 MHz
25°C
I
70
55
70
dBc
fIN = 41 MHz
25°C
I
55
70
70
dBc
Third Harmonic Distortion
fIN = 10.3 MHz
25°C
I
60
60
55
60
dBc
fIN = 26 MHz
25°C
I
60
55
60
dBc
fIN = 41 MHz
25°C
I
52
60
60
dBc
Two-Tone Intermod
Distortion (IMD)
fIN = 10.3 MHz
25°C
V
60
60
60
dBc
1 Gain error and gain temperature coefficient are based on the ADC only (with a fixed 1.25 V external reference).
2 tV and tPD are measured from the 1.5 V level of the Encode input to the 10%/90% levels of the digital outputs swing. The digital output load during test is not to exceed
an ac load of 10 pF or a dc current of ±40 µA.
3 Digital supply current based on VDD = 3.0 V output drive with < 10 pF loading under dynamic test conditions.
4 Power dissipation measured under the following conditions: fS = 100 MSPS, analog input is –0.7 dBFS, both channels in operation.
5 Standby dissipation calculated with Encode clock in operation.
6 SNR/harmonics based on an analog input voltage of –0.7 dBFS referenced to a 1.024 V full-scale input range.
EXPLANATION OF TEST LEVELS
Level
Description
I
100% production tested.
II
100% production tested at 25
°C and sample tested at specified temperatures.
III
Sample tested only.
IV
Parameter is guaranteed by design and characterization testing.
V
Parameter is a typical value only.
VI
100% production tested at 25
°C; guaranteed by design and characterization testing for industrial temperature range;
100% production tested at temperature extremes for military devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com