Electronic Components Datasheet Search
  English  ▼

X  

AD9288 Datasheet(PDF) 20 Page - Analog Devices

Part # AD9288
Description  8-Bit, 40/80/100 MSPS Dual A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9288 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9288 Datasheet HTML 16Page - Analog Devices AD9288 Datasheet HTML 17Page - Analog Devices AD9288 Datasheet HTML 18Page - Analog Devices AD9288 Datasheet HTML 19Page - Analog Devices AD9288 Datasheet HTML 20Page - Analog Devices AD9288 Datasheet HTML 21Page - Analog Devices AD9288 Datasheet HTML 22Page - Analog Devices AD9288 Datasheet HTML 23Page - Analog Devices AD9288 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
AD9288
Rev. C | Page 20 of 24
TROUBLESHOOTING
If the board does not seem to be working correctly, try the
following:
•
Verify power at the IC pins.
•
Check that all jumpers are in the correct position for the
desired mode of operation.
•
Verify that VREF is at 1.23 V.
•
Try running Encode clock and analog inputs at low speeds
(20 MSPS/1 MHz) and monitor LCX821 outputs, DAC
outputs, and ADC outputs for toggling.
The AD9218/AD9288 evaluation board is provided as a design
example for customers of Analog Devices, Inc. ADI makes no
warranties, express, statutory, or implied, regarding
merchantability or fitness for a particular purpose.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com