Electronic Components Datasheet Search
  English  ▼

X  

AD9288 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9288
Description  8-Bit, 40/80/100 MSPS Dual A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9288 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9288 Datasheet HTML 3Page - Analog Devices AD9288 Datasheet HTML 4Page - Analog Devices AD9288 Datasheet HTML 5Page - Analog Devices AD9288 Datasheet HTML 6Page - Analog Devices AD9288 Datasheet HTML 7Page - Analog Devices AD9288 Datasheet HTML 8Page - Analog Devices AD9288 Datasheet HTML 9Page - Analog Devices AD9288 Datasheet HTML 10Page - Analog Devices AD9288 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AD9288
Rev. C | Page 7 of 24
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
VD, VDD
4 V
Analog Inputs
–0.5 V to VD + 0.5 V
Digital Inputs
–0.5 V to VDD + 0.5 V
VREF IN
–0.5 V to VD + 0.5 V
Digital Output Current
20 mA
Operating Temperature
–55°C to +125°C
Storage Temperature
–65°C to +150°C
Maximum Junction Temperature
150°C
Maximum Case Temperature
150°C
Thermal Impedance
θja
57°C/W
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions outside of those indicated in the operation
sections of this specification is not implied. Exposure to
absolute maximum ratings for extended periods may affect
device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com