Electronic Components Datasheet Search
  English  ▼

X  

ADR292 Datasheet(PDF) 4 Page - Analog Devices

Part # ADR292
Description  Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR292 Datasheet(HTML) 4 Page - Analog Devices

  ADR292 Datasheet HTML 1Page - Analog Devices ADR292 Datasheet HTML 2Page - Analog Devices ADR292 Datasheet HTML 3Page - Analog Devices ADR292 Datasheet HTML 4Page - Analog Devices ADR292 Datasheet HTML 5Page - Analog Devices ADR292 Datasheet HTML 6Page - Analog Devices ADR292 Datasheet HTML 7Page - Analog Devices ADR292 Datasheet HTML 8Page - Analog Devices ADR292 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADR291/ADR292
Rev. F | Page 4 of 20
VS = 3.0 V to 15 V, TA = −40°C to+125°C, unless otherwise noted.
Table 4.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
TEMPERATURE COEFFICIENT
E Grade
TCVOUT
IOUT = 0 mA
3
10
ppm/°C
F Grade
5
20
ppm/°C
G Grade
10
30
ppm/°C
LINE REGULATION
E/F Grades
∆VOUT/∆VIN
IOUT = 0 mA
40
200
ppm/V
G Grade
70
250
ppm/V
LOAD REGULATION
E/F Grades
∆VOUT/∆ILOAD
VS = 5.0 V, IOUT = 0 mA to 5 mA
20
200
ppm/mA
G Grade
30
300
ppm/mA
SUPPLY CURRENT
IS
TA = 25°C
9
12
μA
−40°C ≤ TA ≤ +125°C
12
15
μA
THERMAL HYSTERESIS
VOUT-HYS
8-lead SOIC, 8-lead TSSOP
50
ppm
ADR292 ELECTRICAL SPECIFICATIONS
VS = 5 V to 15 V, TA = 25°C, unless otherwise noted.
Table 5.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
E GRADE
Output Voltage
VOUT
IOUT = 0 mA
4.093
4.096
4.099
V
Initial Accuracy
VOERR
−3
+3
mV
−0.07
+0.07
%
F GRADE
Output Voltage
VOUT
IOUT = 0 mA
4.092
4.096
4.1
V
Initial Accuracy
VOERR
−4
+4
mV
−0.10
+0.10
%
G GRADE
Output Voltage
VOUT
IOUT = 0 mA
4.090
4.096
4.102
V
Initial Accuracy
VOERR
−6
+6
mV
−0.15
+0.15
%
LINE REGULATION
E/F Grades
∆VOUT/∆VIN
VS = 4.5 V to 15 V, IOUT = 0 mA
30
100
ppm/V
G Grade
40
125
ppm/V
LOAD REGULATION
E/F Grades
∆VOUT/∆ILOAD
VS = 5.0 V, IOUT = 0 mA to 5 mA
30
100
ppm/mA
G Grade
40
125
ppm/mA
LONG-TERM STABILITY
∆VOUT
After 1000 hours of operation @
125°C
50
ppm
NOISE VOLTAGE
eN
0.1 Hz to 10 Hz
12
μV p-p
WIDEBAND NOISE DENSITY
eN
@ 1 kHz
640
nV/√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com