Electronic Components Datasheet Search
  English  ▼

X  

ADR292 Datasheet(PDF) 12 Page - Analog Devices

Part # ADR292
Description  Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR292 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADR292 Datasheet HTML 8Page - Analog Devices ADR292 Datasheet HTML 9Page - Analog Devices ADR292 Datasheet HTML 10Page - Analog Devices ADR292 Datasheet HTML 11Page - Analog Devices ADR292 Datasheet HTML 12Page - Analog Devices ADR292 Datasheet HTML 13Page - Analog Devices ADR292 Datasheet HTML 14Page - Analog Devices ADR292 Datasheet HTML 15Page - Analog Devices ADR292 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
ADR291/ADR292
Rev. F | Page 12 of 20
TERMINOLOGY
Line Regulation
Line regulation refers to the change in output voltage due to a
specified change in input voltage. It includes the effects of self-
heating. Line regulation is expressed as percent-per-volt, parts-
per-million-per-volt, or microvolts-per-volt change in input
voltage.
Load Regulation
The change in output voltage is due to a specified change in
load current and includes the effects of self-heating. Load
regulation is expressed in microvolts-per-milliampere, parts-
per-million-per-milliampere, or ohms of dc output resistance.
Long-Term Stability
Long-term stability refers to the typical shift of output voltage at
25°C on a sample of parts subjected to a test of 1000 hours at
125°C.
( )
( )
[]
()
()
()
6
10
ppm
×
−
=
Δ
−
=
Δ
0
OUT
1
OUT
0
OUT
OUT
1
OUT
0
OUT
OUT
t
V
t
V
t
V
V
t
V
t
V
V
where:
VOUT
(t0) = VOUT at 25°C at Time 0.
VOUT
(t1) = VOUT at 25°C after 1000 hours of operation at 125°C.
Temperature Coefficient
Temperature coefficient is the change of output voltage over
the operating temperature change, normalized by the output
voltage at 25°C, expressed in ppm/°C. The equation follows:
[]
( )( )
()
()
6
10
C
25
C
ppm/
×
−
×
°
−
=
°
1
2
O
1
O
2
O
O
T
T
V
T
V
T
V
TCV
where:
VOUT
(25°C) = VOUT at 25°C.
VOUT
(T1) = VOUT at Temperature 1.
VOUT
(T2) = VOUT at Temperature 2.
NC = no connect.
There are internal connections at NC pins that are reserved for
manufacturing purposes. Users should not connect anything at
the NC pins.
Thermal Hysteresis
Thermal hysteresis is defined as the change of output voltage
after the device is cycled through temperatures from +25°C to
−40°C, then to +85°C, and back to +25°C. This is a typical value
from a sample of parts put through such a cycle.
6
10
C)
25
(
)
25
(
[ppm]
C)
25
(
×
°
−
°
=
−
°
=
−
−
OUT
OUT_TC
OUT
HYS
ΟUT
OUT_TC
OUT
HYS
OUT
V
V
C
V
V
V
V
V
where:
VOUT
(25°C) = VOUT at 25°C.
VOUT_TC
= VOUT at 25°C after temperature cycle from +25°C to
−40°C, then to +85°C, and back to +25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com