Electronic Components Datasheet Search
  English  ▼

X  

ADR292 Datasheet(PDF) 1 Page - Analog Devices

Part # ADR292
Description  Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR292 Datasheet(HTML) 1 Page - Analog Devices

  ADR292 Datasheet HTML 1Page - Analog Devices ADR292 Datasheet HTML 2Page - Analog Devices ADR292 Datasheet HTML 3Page - Analog Devices ADR292 Datasheet HTML 4Page - Analog Devices ADR292 Datasheet HTML 5Page - Analog Devices ADR292 Datasheet HTML 6Page - Analog Devices ADR292 Datasheet HTML 7Page - Analog Devices ADR292 Datasheet HTML 8Page - Analog Devices ADR292 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Low Noise Micropower 2.5 V and
4.096 V Precision Voltage References
ADR291/ADR292
Rev. F
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007–2011 Analog Devices, Inc. All rights reserved.
FEATURES
Supply range
2.8 V to 15 V, ADR291
4.4 V to 15 V, ADR292
Supply current: 15 μA maximum
Low noise: 8 μV and 12 μV p-p (0.1 Hz to 10 Hz)
High output current: 5 mA
Temperature range: −40°C to +125°C
Pin-compatible with REF02/REF19x
APPLICATIONS
Portable instrumentation
Precision reference for 3 V and 5 V systems
Analog-to-digital and digital-to-analog converter reference
Solar-powered applications
Loop-current-powered instruments
CONNECTION DIAGRAMS
NC 1
VIN 2
NC 3
GND 4
NC
8
NC
7
VOUT
6
NC
5
NC = NO CONNECT
ADR291/
ADR292
TOP VIEW
(Not to Scale)
Figure 1. 8-Lead SOIC (R-8)
1
2
3
4
VIN
NC
GND
NC
8
7
6
5
NC
VOUT
NC
NC
NC = NO CONNECT
ADR291/
ADR292
TOP VIEW
(Not to Scale)
Figure 2. 8-Lead TSSOP (RU-8)
321
VOUT
GND
VIN
TOP VIEW
(Not to Scale)
ADR291
Figure 3. 3-Lead TO-92 (T-3)
GENERAL DESCRIPTION
The ADR291 and ADR292 are low noise, micropower precision
voltage references that use an XFET® reference circuit. The new
XFET architecture offers significant performance improvements
over traditional band gap and buried Zener-based references.
Improvements include one quarter the voltage noise output of
band gap references operating at the same current, very low and
ultralinear temperature drift, low thermal hysteresis, and
excellent long-term stability.
The ADR291/ADR292 family is a series of voltage references
providing stable and accurate output voltages from supplies as
low as 2.8 V for the ADR291. Output voltage options are 2.5 V
and 4.096 V for the ADR291 and ADR292, respectively.
Quiescent current is only 12 μA, making these devices ideal for
battery-powered instrumentation. Three electrical grades are
available offering initial output accuracies of ±2 mV, ±3 mV,
and ±6 mV maximum for the ADR291, and ±3 mV, ±4 mV,
and ±6 mV maximum for the ADR292. Temperature
coefficients for the three grades are 8 ppm/°C, 15 ppm/°C, and
25 ppm/°C maximum, respectively. Line regulation and load
regulation are typically 30 ppm/V and 30 ppm/mA, maintaining
the reference’s overall high performance. For a device with 5.0 V
output, refer to the ADR293 data sheet.
The ADR291 and ADR292 references are specified over the
extended industrial temperature range of −40°C to +125°C.
Devices are available in the 8-lead SOIC, 8-lead TSSOP, and
3-lead TO-92 packages.
Table 1. ADR291/ADR292 Product
Part No.
Output
Voltage (V)
Initial
Accuracy (±%)
Temperature
Coefficient
(ppm/°C) Max
ADR291
2.500
0.08, 0.12, 0.24
8, 15, 25
ADR292
4.096
0.07, 0.10, 0.15
8, 15, 25


Similar Part No. - ADR292

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR292 AD-ADR292 Datasheet
199Kb / 15P
Low Noise Micropower Precision Voltage References
REV.B
ADR292ER AD-ADR292ER Datasheet
199Kb / 15P
Low Noise Micropower Precision Voltage References
REV.B
ADR292ER-REEL AD-ADR292ER-REEL Datasheet
199Kb / 15P
Low Noise Micropower Precision Voltage References
REV.B
ADR292ER-REEL7 AD-ADR292ER-REEL7 Datasheet
199Kb / 15P
Low Noise Micropower Precision Voltage References
REV.B
ADR292ER-RELL AD-ADR292ER-RELL Datasheet
199Kb / 15P
Low Noise Micropower Precision Voltage References
REV.B
More results

Similar Description - ADR292

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR290 AD-ADR290 Datasheet
199Kb / 15P
Low Noise Micropower Precision Voltage References
REV.B
AD1582 AD-AD1582 Datasheet
254Kb / 16P
2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
6/04-Data Sheet Changed from REV. C to REV. D.
AD1582 AD-AD1582_13 Datasheet
388Kb / 16P
2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Rev. J
ADR292GRZ AD-ADR292GRZ Datasheet
348Kb / 20P
Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
Rev. F
5962-8958101PA AD-5962-8958101PA Datasheet
507Kb / 20P
Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
AD1582 AD-AD1582_15 Datasheet
388Kb / 16P
2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Rev. J
AD1583 AD-AD1583_15 Datasheet
388Kb / 16P
2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Rev. J
AD1584 AD-AD1584_15 Datasheet
388Kb / 16P
2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Rev. J
ADR291 AD-ADR291_15 Datasheet
348Kb / 20P
Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
Rev. F
ADR292 AD-ADR292_15 Datasheet
348Kb / 20P
Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com