Electronic Components Datasheet Search
  English  ▼

X  

AD7625 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7625
Description  18-Bit, 5 MSPS PulSAR Differential ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7625 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7625 Datasheet HTML 6Page - Analog Devices AD7625 Datasheet HTML 7Page - Analog Devices AD7625 Datasheet HTML 8Page - Analog Devices AD7625 Datasheet HTML 9Page - Analog Devices AD7625 Datasheet HTML 10Page - Analog Devices AD7625 Datasheet HTML 11Page - Analog Devices AD7625 Datasheet HTML 12Page - Analog Devices AD7625 Datasheet HTML 13Page - Analog Devices AD7625 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD7960
Data Sheet
Rev. 0 | Page 10 of 24
Figure 11. Histogram of DC Input at Code Center, REF = 4.096 V
Figure 12. 20 kHz, −0.5 dBFS Input Tone FFT, Wide View, REF = 5 V
Figure 13. 20 kHz, −0.5 dBFS Input Tone FFT, Zoomed View, REF = 5 V
Figure 14. Histogram of DC Input at Code Transition, REF = 4.096 V
Figure 15. 20 kHz, −0.5 dBFS Input Tone FFT, Wide Frequency View,
REF = 4.096 V
Figure 16. 20 kHz, −0.5 dBFS Input Tone FFT, Zoomed View, REF = 4.096 V
0
7
277
3389 206
8
0
843B
843C
843D
843E
843F
8440
8441
8442
8443
8444
8445
8446
8447
8448
8449
844A
844B
0
200000
400000
600000
800000
CODE (HEX)
29567
3934
126798
322696
318090
122502
27625
524601
529433
612307
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
0
500
1000
1500
2000
2500
FREQUENCY (kHz)
INPUT FREQUENCY = 20kHz
SNR = 99.8dB
SINAD = 99.7dB
THD = –115.9dB
SFDR = 118.3dB
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
0
10
20
30
40
50
60
70
80
90
100
INPUT FREQUENCY = 20kHz
SNR = 99.8dB
SINAD = 99.7dB
THD = –115.9dB
SFDR = 118.3dB
FREQUENCY (kHz)
843B
843C
843D
843E
843F
8440
8441
8442
8443
8444
8445
8446
8447
8448
8449
844A
844B
0
1
96
513
22
1
0
200000
400000
600000
800000
CODE (HEX)
16272
1758
83201
251602
47010
6982
176972
393411
573335
600723
469541
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
0
500
1000
1500
2000
2500
FREQUENCY (kHz)
INPUT FREQUENCY = 20kHz
SNR = 98.4dB
SINAD = 98.3dB
THD = –113.6dB
SFDR = 116.1dB
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
0
10
20
30
40
50
60
70
80
90
100
INPUT FREQUENCY = 20kHz
SNR = 98.4dB
SINAD = 98.3dB
THD = –113.6dB
SFDR = 116.1dB
FREQUENCY (kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com