Electronic Components Datasheet Search
  English  ▼

X  

AD7625 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7625
Description  18-Bit, 5 MSPS PulSAR Differential ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7625 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7625 Datasheet HTML 12Page - Analog Devices AD7625 Datasheet HTML 13Page - Analog Devices AD7625 Datasheet HTML 14Page - Analog Devices AD7625 Datasheet HTML 15Page - Analog Devices AD7625 Datasheet HTML 16Page - Analog Devices AD7625 Datasheet HTML 17Page - Analog Devices AD7625 Datasheet HTML 18Page - Analog Devices AD7625 Datasheet HTML 19Page - Analog Devices AD7625 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD7960
Data Sheet
Rev. 0 | Page 16 of 24
TYPICAL APPLICATIONS
Figure 32 shows an example of a typical connection diagram for
driving the AD7960 using the two single-ended ADA4899-1
devices. The alternative ADC drivers are two single-ended
ADA4897-1 op amps or a differential amplifier ADA4932-1 that
can drive the inputs of the AD7960.
The AD7960 is an ideal fit for high speed multiplexed applica-
tions such as digital X-ray, computed tomography, and infrared
cameras that require superior performance in terms of noise,
power, and throughput, which significantly reduces cost in
these types of applications. The AD7960 has a quiet time
requirement of 90 ns to 110 ns during the conversion, where the
switching of multiplexer inputs (channels) must not occur to
avoid the corruption of conversion. In other words, a delay of
less than 90 ns and greater than 110 ns from the CNV± rising
edge to the multiplexer inputs switching event results in no
corruption. If the analog inputs are multiplexed during this
quiet conversion time, the current conversion may be corrupted
by up to 15 LSBs.
If the analog inputs are multiplexed early enough, the inputs
can slew fast enough to a full-scale signal and settle the input
within the allowed time.
The AD7960 offers extremely low noise floor relative to its full-
scale input. The combination of high throughput rate, low noise
floor, and linearity also makes this part suitable for over-
sampling applications such as spectroscopy, MRI gradient
control, and gas chromatography. The wide dynamic range of
the AD7960 allows accurate measurements of both small and
large signals from multiple channels.
Figure 32. Typical Application Diagram
56pF
20Ω
–VS
+VS
56pF
20Ω
–VS
+VS
GND
IN+
IN–
AD7960
VCM
–VS
+VS
2.5V
AD8031
0.1µF
100Ω
100Ω
100Ω
100Ω
REF1
REFIN
VDD1
VDD2
VIO
CNV±
CLK±
D±
DCO±
10µF2
0.1µF
0.1µF
0.1µF
+5V
+1.8V
+1.8V
ADR4550
+7V
0V TO 5 V
VCM = 2.5V
0V TO 5 V
VCM = 2.5V
+5V
0.1µF
0.1µF
+VS
–VS
AD8031
0.1µF
0.1µF
1SEE THE VOLTAGE REFERENCE OPTIONS SECTION. CONNECTION TO EXTERNAL REFERENCE SIGNALS IS DEPENDENT ON THE EN1 AND EN0 SETTINGS.
2A 10µF CAPACITOR WITH LOW ESL AND ESR IS USUALLY CONNECTED BETWEEN THE REF PIN AND REF_GND. CONNECT REF_GND TO THE COMMON
GROUND OF THE BOARD. THE REF AND REFIN PINS ARE DECOUPLED REGARDLESS OF EN1 AND EN0 SETTINGS.
3BUFFERED VCM PIN OUTPUT GIVES THE REQUIRED 2.5V COMMON-MODE SUPPLY FOR ANALOG INPUTS.
ADA4899-1
ADA4899-1
VCM3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com