Electronic Components Datasheet Search
  English  ▼

X  

AD7625 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7625
Description  18-Bit, 5 MSPS PulSAR Differential ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7625 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7625 Datasheet HTML 7Page - Analog Devices AD7625 Datasheet HTML 8Page - Analog Devices AD7625 Datasheet HTML 9Page - Analog Devices AD7625 Datasheet HTML 10Page - Analog Devices AD7625 Datasheet HTML 11Page - Analog Devices AD7625 Datasheet HTML 12Page - Analog Devices AD7625 Datasheet HTML 13Page - Analog Devices AD7625 Datasheet HTML 14Page - Analog Devices AD7625 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Data Sheet
AD7960
Rev. 0 | Page 11 of 24
Figure 17. 20 kHz, −6 dBFS Input Tone FFT, Wide View, REF = 5 V
Figure 18. 20 kHz, −6 dBFS Input Tone FFT, Wide View, REF = 4.096 V
Figure 19. SNR and THD vs. Frequency, −6 dBFS, REF = 5 V
Figure 20. SNR and SINAD vs. Temperature, REF = 5 V
Figure 21. THD vs. Temperature, REF = 5 V
Figure 22. SFDR vs. Temperature, REF = 5 V
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
0
500
1000
1500
2000
2500
INPUT FREQUENCY = 20kHz
SNR = 100.1dB
SINAD = 100.0dB
THD = –123.4dB
SFDR = 120.8dB
FREQUENCY (kHz)
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
0
500
1000
1500
2000
2500
INPUT FREQUENCY = 20kHz
SNR = 98.7dB
SINAD = 98.6dB
THD = –121.7dB
SFDR = 119.5dB
FREQUENCY (kHz)
–120
–115
–110
–105
–100
–95
–90
–85
–80
96
97
98
99
100
1
10
100
FREQUENCY (kHz)
SNR
THD
97.0
97.5
98.0
98.5
99.0
99.5
100.0
–40
–20
TEMPERATURE (°C)
0
20
40
60
80
SNR
SINAD
–122
–120
–118
–116
–114
–112
–110
–40 –30 –20 –10
0
10
20
30
40
50
60
70
80
TEMPERATURE (°C)
–40 –30 –20 –10
0
10
20
30
40
50
60
70
80
TEMPERATURE (°C)
112
114
116
118
120
122
124
126



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com