Electronic Components Datasheet Search
  English  ▼

X  

G2R Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # G2R
Description  A Power Relay for a Variety of Purposes with Various Models
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G2R Datasheet(HTML) 1 Page - Omron Electronics LLC

  G2R Datasheet HTML 1Page - Omron Electronics LLC G2R Datasheet HTML 2Page - Omron Electronics LLC G2R Datasheet HTML 3Page - Omron Electronics LLC G2R Datasheet HTML 4Page - Omron Electronics LLC G2R Datasheet HTML 5Page - Omron Electronics LLC G2R Datasheet HTML 6Page - Omron Electronics LLC G2R Datasheet HTML 7Page - Omron Electronics LLC G2R Datasheet HTML 8Page - Omron Electronics LLC G2R Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
G2R
PCB Relay
A Power Relay for a Variety of Purposes
with Various Models
I Conforms to VDE0435 (VDE approval: C250
insulation grade), UL508, CSA22.2, SEV,
SEMKO.
I Meets VDE0700 requirements for household
products according to VDE0110.
I Clearance and creepage distance: 8 mm/8 m.
I Models with CTI250 material available.
I High-sensitivity (360 mW) and high-capacity
(16 A) types available.
I Double-winding latching type available.
I Plug-in with test button and quick-connect
terminals available.
I Highly functional socket available.
Ordering Information
R
C+SE
X
VDE
Classification
Enclosure
ratings
Coil
ratings
Contact form
SPST-NO
SPDT
DPST-NO
DPDT
PCB terminal
General-purpose
Flux protection
AC/DC
G2R-1A
G2R-1
G2R-2A
G2R-2
Fully sealed
G2R-1A4
G2R-14
G2R-2A4
G2R-24
Bifurcated contact
Flux protection
DC
G2R-1AZ
G2R-1Z
---
---
Fully sealed
G2R-1AZ4
G2R-1Z4
---
---
High-capacity
Flux protection
AC/DC
G2R-1A-E
G2R-1-E
---
---
High-sensitivity
Flux protection
DC
G2R-1A-H
G2R-1-H
G2R-2A-H
G2R-2-H
Double-winding latching
Flux protection
G2RK-1A
G2RK-1
G2RK-2A
G2RK-2
Plug-in terminal
General-purpose
Unsealed
AC/DC
---
G2R-1-S
---
G2R-2-S
LED indicator
---
G2R-1-SN
---
G2R-2-SN
LED indicator with test
button
---
G2R-1-SNI
---
G2R-2-SNI
Diode
DC
---
G2R-1-SD
---
G2R-2-SD
LED indicator and diode
---
G2R-1-SND
---
G2R-2-SND
LED indicator and diode
with test button
---
G2R-1-SNDI
---
G2R-2-SNDI
Plug-in terminal
(Bifurcated
crossbar
contact)
General-purpose
AC/DC
G2R-1A3-S
G2R-13-S
---
---
LED indicator
G2R-1A3-SN
G2R-13-SN
---
---
LED indicator and diode
DC
G2R-1A3-SND
G2R-13-SND
---
---
Rated coil voltage
Note: 1. When ordering, add the rated coil voltage to the model number.
Example: G2R-1A 12 VDC
2. OMRON has also prepared the above relays with AgSnIn contacts, which are more tolerant of large inrush currents and
physical movement compared with relays with standard contacts. When ordering, add "-ASI" to the model number.
Example: G2R-1A-ASI
3. Standard, NO contact type relays are TV-3 class products in accordance with the TV standards of the UL/CSA. Models with
AgSnIn contacts are TV-5 class products.
Example: G2R-1A-ASI
When ordering a TV-8 class model, insert "-TV8" into the model number as follows:
Example: G2R-1A-TV8-ASI
4. Models with CTI250 material are also available.
Contact your OMRON representative for more details.


Similar Part No. - G2R

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2R OMRON-G2R Datasheet
562Kb / 14P
Power PCB Relay
G2R OMRON-G2R Datasheet
656Kb / 12P
Creepage distance of 8.0 mm min. between coil and con tact.
G2R OMRON-G2R Datasheet
702Kb / 19P
Power PCB Relay
5/03
G2R OMRON-G2R Datasheet
3Mb / 14P
PCB Power Relay
G2R-1 OMRON-G2R-1 Datasheet
1Mb / 19P
PCB Relay A Power Relay for a Variety of Purposes with Various Models
More results

Similar Description - G2R

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2R-1A OMRON-G2R-1A Datasheet
1Mb / 19P
PCB Relay A Power Relay for a Variety of Purposes with Various Models
G2R-1AE-DC12 OMRON-G2R-1AE-DC12 Datasheet
1Mb / 15P
A POWER RELAY FOR A VARIETY OF PURPOSES WITH VARIOUS MODELS
G2RL14ECFDC5 OMRON-G2RL14ECFDC5 Datasheet
513Kb / 6P
A Power Relay with Various Models
G2RL14EDC12 OMRON-G2RL14EDC12 Datasheet
513Kb / 6P
A Power Relay with Various Models
G2RL-1-EDC12 OMRON-G2RL-1-EDC12 Datasheet
513Kb / 6P
A Power Relay with Various Models
G2RL-24-CFDC5 OMRON-G2RL-24-CFDC5 Datasheet
513Kb / 6P
A Power Relay with Various Models
G2RL24DC5 OMRON-G2RL24DC5 Datasheet
513Kb / 6P
A Power Relay with Various Models
logo
PHOENIX CONTACT
2799348 PHOENIX-2799348 Datasheet
48Kb / 2P
For a variety of applications
logo
Omron Electronics LLC
2JCIE-BU OMRON-2JCIE-BU Datasheet
237Kb / 5P
Sense a variety of environmental information
logo
ETA-USA
VTA05-SC12 ETA-USA-VTA05-SC12 Datasheet
6Mb / 3P
25W Variety of Models
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com