Electronic Components Datasheet Search
  English  ▼

X  

G2R Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # G2R
Description  A Power Relay for a Variety of Purposes with Various Models
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G2R Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button G2R Datasheet HTML 2Page - Omron Electronics LLC G2R Datasheet HTML 3Page - Omron Electronics LLC G2R Datasheet HTML 4Page - Omron Electronics LLC G2R Datasheet HTML 5Page - Omron Electronics LLC G2R Datasheet HTML 6Page - Omron Electronics LLC G2R Datasheet HTML 7Page - Omron Electronics LLC G2R Datasheet HTML 8Page - Omron Electronics LLC G2R Datasheet HTML 9Page - Omron Electronics LLC G2R Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
G2R
G2R
Double-winding Latching Relays
Note:
Values in the above table are the initial values.
*2,000 VAC, 50/60 Hz for 1 minute when the P2R-05A or P2R-08A socket is mounted.
I Approved Standards
UL 508 (File No. E41643)
Item
1 pole
2 poles
Contact resistance
30 m
W max.
50 m
W max.
Set time
20 ms max.
Reset time
20 ms max.
Min. set/reset signal width
30 ms max.
Max. operating frequency
Mechanical:18,000 operations/hr
Electrical:
1,800 operations/hr (under rated load)
Insulation resistance
1,000 M
W min. (at 500 VDC)
Dielectric strength
5,000 VAC, 50/60 Hz for 1 min between coil and
contacts*;
1,000 VAC, 50/60 Hz for 1 min between contacts
of same pole;
1,000 VAC, 50/60 Hz for 1 min between set and
reset coil
5,000 VAC, 50/60 Hz for 1 min between coil and
contacts*;
3,000 VAC, 50/60 Hz for 1 min between contacts
of different poles
1,000 VAC, 50/60 Hz for 1 min between contacts
of same pole
1,000 VAC, 50/60 Hz for 1 min between set and
reset coil
Vibration resistance
Destruction: 10 to 55 to 10 Hz, 0.75-mm single amplitude (1.5-mm double amplitude)
Malfunction: 10 to 55 to 10 Hz, 0.75-mm single amplitude (1.5-mm double amplitude)
Shock resistance
Destruction: 1,000 m/s2 (approx. 100G)
Malfunction: Set: 500 m/s2 (approx. 50G); 200m/s2 (approx. 20G)
Reset:
100 m/s2 (approx. 10G)
Endurance
Mechanical: 10,000,000 operations min (at 18,000 operations/hr)
Electrical:
100,000 operations min. (at 1,800 operations/hr under rated load)
Ambient temperature
Operating:
-40°C to 70°C (with no icing)
Ambient humidity
Operating: 5% to 85%
Weight
Approx. 17 g
Model
Contact form
Coil ratings
Contact ratings
G2R-1
G2R-14
G2R-1-H
G2R-1-S
G2R-1-T
SPDT
3 to 110 VDC
3 to 240 VAC
10 A, 30 VDC (resistive)
10 A, 250 VAC (general use)
TV-3 (NO contact only)
G2R-1A
G2R-1A4
G2R-1A-H
G2R-1A-S
G2R-1A-T
SPST-NO
G2R-1-E
SPDT
16 A, 30 VDC (resistive, NO contact only)
16 A, 250 VAC (general use, NO contact only)
TV-3 (NO contact only); 1/3 hp, 120 VAC
G2R-1A-E
SPST-NO
G2R-2
G2R-24
G2R-2-H
G2R-2-S
DPDT
5 A, 30 VDC (resistive)
5 A, 250 VAC (general use)
TV-3 (NO contact only)
G2R-2A
G2R-2A4
G2R-2A-H
G2R-2A-S
DPST-NO
G2R-1A-ASI
SPST-NO
10 A, 30 VDC (resistive)
10 A, 250 VAC (general use)
TV-5/TV-8 (NO contact only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com