Electronic Components Datasheet Search
  English  ▼

X  

G2R Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G2R
Description  A Power Relay for a Variety of Purposes with Various Models
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G2R Datasheet(HTML) 2 Page - Omron Electronics LLC

  G2R Datasheet HTML 1Page - Omron Electronics LLC G2R Datasheet HTML 2Page - Omron Electronics LLC G2R Datasheet HTML 3Page - Omron Electronics LLC G2R Datasheet HTML 4Page - Omron Electronics LLC G2R Datasheet HTML 5Page - Omron Electronics LLC G2R Datasheet HTML 6Page - Omron Electronics LLC G2R Datasheet HTML 7Page - Omron Electronics LLC G2R Datasheet HTML 8Page - Omron Electronics LLC G2R Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
G2R
G2R
Model Number Legend
1.
Relay Function
None: Single-side stable
K:
Double-winding latching.
2.
Number of Poles
1:
1 pole
2:
2 poles
3.
Contact Form
None:
#PDT
A:
#PST-NO
4.
Contact Type
None: Single
Z:
Bifurcated
3:
Bifurcated crossbar
5.
Enclosure Ratings
None: Flux protection
4:
Fully sealed
6.
Terminals
None: Straight PCB
S:
Plug-in
T:
Quick-connect (upper bracket mounting)
7.
Classification
None: General-purpose
E:
High-capacity
H:
High-sensitivity
N:
LED indicator
D:
Diode
ND:
LED indicator and diode
8.
Test button
I:
Test button
Note:
Applied for only SN and SND type
9.
Contact Material
None: AgCdO
ASI:
AgSnIn
10. Rated Coil Voltage
Refer to Coil Ratings.
I Accessories (Order Separately)
Connecting Sockets
Note:
See Dimensions for details on socket size.
Mounting Track
*Used to mount several P2R-05A and P2R-08A connecting sockets side by side.
G2R
-
-
-
VDC
12
34
5
67
89
10
Number of poles
Applicable Relay model
Track/surface-mounting
Socket
Back-mounting Socket
Terminals
Model
1 pole
G2R-1-
S(N)(D)(ND)(NI)(NDI)G2R-13-
S (G2R-1A3-S)
P2RF-05-E
P2RF-05
PCB terminals
P2R-05P, P2R-057P
Solder terminals
P2R-05A
2 poles
G2R-2-S(N)(D)(ND)(NI)(NDI)
P2RF-08-E
P2RF-08
PCB terminals
P2R-08P, P2R-087P
Solder terminals
P2R-08A
Applicable socket
Description
Model
Track connecting socket
Mounting track
50 cm (
8) x 7.3 mm (t): PFP-50N
1 m (
8) x 7.3 mm (t): PFP-100N
1 m (
8) x 16 mm (t): PFP-100N2
End plate
PFP-M
Spacer
PFP-S
Back connecting socket
Mounting plate
P2R-P*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com