Electronic Components Datasheet Search
  English  ▼

X  

AP431AM Datasheet(PDF) 6 Page - Advanced Power Electronics Corp.

Part # AP431AM
Description  ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP431AM Datasheet(HTML) 6 Page - Advanced Power Electronics Corp.

Back Button AP431AM Datasheet HTML 2Page - Advanced Power Electronics Corp. AP431AM Datasheet HTML 3Page - Advanced Power Electronics Corp. AP431AM Datasheet HTML 4Page - Advanced Power Electronics Corp. AP431AM Datasheet HTML 5Page - Advanced Power Electronics Corp. AP431AM Datasheet HTML 6Page - Advanced Power Electronics Corp. AP431AM Datasheet HTML 7Page - Advanced Power Electronics Corp. AP431AM Datasheet HTML 8Page - Advanced Power Electronics Corp. AP431AM Datasheet HTML 9Page - Advanced Power Electronics Corp. AP431AM Datasheet HTML 10Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.a-power.com.tw
6
Advanced Power
Electronics Corp.
AP431A
Typical Performance Characteristics(Continued)
+
-
Output
GND
15KΩ
8.25KΩ
9µF
I
KA
232Ω
TEST CIRCUIT FOR VOLTAGE AMPLIFICATION
SMALL-SIGNAL VOLTAGE AMPLIFICATION vs. FREQUENCY
0
10
20
30
40
50
60
1K
10K
100K
1M
10M
f-Frequency-Hz
I
KA=10mA
T
A=25
oC
+
-
I KA
GND
Output
1KΩ
50Ω
TEST CIRCUIT FOR REFERENCE IMPEDANCE
REFERENCE IMPEDANCE vs. FREQUENCY
0.1
1
10
100
1K
10K
100K
1M
10M
f-Frequency-Hz
I
KA=10mA
T
A=25
oC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com