Electronic Components Datasheet Search
  English  ▼

X  

AP431AM Datasheet(PDF) 7 Page - Advanced Power Electronics Corp.

Part # AP431AM
Description  ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP431AM Datasheet(HTML) 7 Page - Advanced Power Electronics Corp.

Back Button AP431AM Datasheet HTML 2Page - Advanced Power Electronics Corp. AP431AM Datasheet HTML 3Page - Advanced Power Electronics Corp. AP431AM Datasheet HTML 4Page - Advanced Power Electronics Corp. AP431AM Datasheet HTML 5Page - Advanced Power Electronics Corp. AP431AM Datasheet HTML 6Page - Advanced Power Electronics Corp. AP431AM Datasheet HTML 7Page - Advanced Power Electronics Corp. AP431AM Datasheet HTML 8Page - Advanced Power Electronics Corp. AP431AM Datasheet HTML 9Page - Advanced Power Electronics Corp. AP431AM Datasheet HTML 10Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
www.a-power.com.tw
7
Advanced Power
Electronics Corp.
AP431A
PULSE RESPONSE
0
1
2
3
4
5
6
-1
01
2
3
45
67
t-Time-µ S
Input
Output
GND
Output
220Ω
50Ω
TEST CIRCUIT FOR PULSE RESPONSE
Pulse
Generator
f=100kHz
T
A=25
oC
+
-
150Ω
I KA
V
BATT
C
L
TEST CIRCUIT FOR CURVE A
+
-
C
L
R1=10KΩ
R2
I KA
150Ω
V
BATT
TEST CIRCUIT FOR CURVE B, C, AND D
The areas under the curves represent conditions that may cause the
device to oscillate. For curves B, C, and D, R2 and V+ were adjusted
to establish the initial V
KA and IKA conditions with CL =0.VBATT and
C
L were then adjusted to determine the ranges of stability.
STABILITY BOUNDARY CONDITIONS†
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
CL-Load Capacitance-µF
A VKA=Vref
B VKA=5V
C VKA=10V
D VKA=15V
A
B
C
D
Stable
Stable
TA=25oC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com