Electronic Components Datasheet Search
  English  ▼

X  

AP431AM Datasheet(PDF) 3 Page - Advanced Power Electronics Corp.

Part # AP431AM
Description  ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP431AM Datasheet(HTML) 3 Page - Advanced Power Electronics Corp.

  AP431AM Datasheet HTML 1Page - Advanced Power Electronics Corp. AP431AM Datasheet HTML 2Page - Advanced Power Electronics Corp. AP431AM Datasheet HTML 3Page - Advanced Power Electronics Corp. AP431AM Datasheet HTML 4Page - Advanced Power Electronics Corp. AP431AM Datasheet HTML 5Page - Advanced Power Electronics Corp. AP431AM Datasheet HTML 6Page - Advanced Power Electronics Corp. AP431AM Datasheet HTML 7Page - Advanced Power Electronics Corp. AP431AM Datasheet HTML 8Page - Advanced Power Electronics Corp. AP431AM Datasheet HTML 9Page - Advanced Power Electronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
www.a-power.com.tw
3
Advanced Power
Electronics Corp.
AP431A
Absolute Maximum Ratings
Cathode Voltage ………………………………......….........................…...……………………………...……….36V
Continuous Cathode Current ………………………….…….............…................…………….... -10mA ~ 250mA
Reference Input Current Range ……………..………..............…….................................………….…....... 10mA
Operating Temperature Range ………….…………..…….…….....………………...........………......-40
oC ~ 85oC
Lead Temperature………………………….………….…….…………....…………………….........…............ 260
oC
Storage Temperature ……………………………......…....….............………………..……...…....... -65
oC ~ 150oC
Power Dissipation (Notes 1. 2)
TO-92 Package ….…………..………………………....………….....… 0.78W
SOT-23 Package .…...…………..…………….......…………………… 0.25W
SOT-25 Package……………………...…………….………….………..0.25W
SOP-8 Package……………….………………………………………… 0.6W
Note 1: TJ, max =150
oC
Note 2: Ratings apply to ambient temperature at 25
oC
Electrical Characteristics (Ta=25
oC , unless otherwise specified.)
PARAMETER
TEST CONDITIONS
SYMBOL
MIN.
TYP. MAX. UNIT
-B
2.470 2.495 2.520
Reference voltage
VKA = VREF,
I KA = 10mA (Fig.1) -A
VREF
2.482
2.507
V
Deviation of Reference input voltage
over temperature (Note 3)
VKA = VREF, IKA = 10mA,
Ta = Full range (Fig.1)
VREF
8.0
20
mV
VKA = 10V
~VREF
∆VREF
-1.4
-2.0 mV/V
Ratio of the change in Reference
voltage to the change in Cathode
voltage
IKA = 10mA (Fig.2)
VKA= 36V ~10V
∆VKA
-1
-2
mV/V
Reference input current
R1 = 10KΩ,R2 = ∞ IKA= 10mA
(Fig.2)
IREF
1.4
3.5
µA
Deviation of Reference input current
over temperature
R1 = 10KΩ,R2 = ∞ IKA = 10mA
Ta = Full range (Fig.2)
αIREF
0.4
1.2
µA
Minimum Cathode current for
regulation
VKA = VREF (Fig.1)
IKA(MIN)
0.19
0.5
mA
Off-state current
VKA = 36V, VREF = 0V (Fig.3)
IKA(OFF)
0.1
1.0
µA
Dynamic output impedance (Note 4)
V KA = VREF
Frequency
≤ 1KHz (Fig.1)
KA
Z
0.2
0.5
Ω
VMAX
VMIN
TI
T2
TEMPERATURE
VDEV = VMAX - VMIN
SOP-89 Package............................................................................... 0.5W



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com