Electronic Components Datasheet Search
  English  ▼

X  

AD2S1200 Datasheet(PDF) 4 Page - Analog Devices

Part # AD2S1200
Description  12-Bit R/D Converter with Reference Oscillator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2S1200 Datasheet(HTML) 4 Page - Analog Devices

  AD2S1200 Datasheet HTML 1Page - Analog Devices AD2S1200 Datasheet HTML 2Page - Analog Devices AD2S1200 Datasheet HTML 3Page - Analog Devices AD2S1200 Datasheet HTML 4Page - Analog Devices AD2S1200 Datasheet HTML 5Page - Analog Devices AD2S1200 Datasheet HTML 6Page - Analog Devices AD2S1200 Datasheet HTML 7Page - Analog Devices AD2S1200 Datasheet HTML 8Page - Analog Devices AD2S1200 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD2S1200
Rev. 0 | Page 4 of 24
AD2S1200–SPECIFICATIONS
Table 1. (AVDD = DVDD = 5.0 V ± 5% @ −40°C to +125°C CLKIN 8.192 MHz, unless otherwise noted.)
Parameter
Min
Typ
Max
Unit
Conditions/Comments
Sin, Cos INPUTS1
Voltage
3.24
3.6
3.96
V p-p
Sinusoidal waveforms, differential inputs
Input Bias Current
2
µA
VIN = 3.96 V p-p
Input Impedance
1.0
MΩ
VIN = 3.96 V p-p
Common Mode Volts
100
mV Peak
CMV @ SinLO, CosLO, with respect to REFOUT @ 10 kHz
Phase Lock Range
−45
+45
Degrees
Sin/Cos vs. EXC output
ANGULAR ACCURACY
Angular Accuracy
±11
arc min
Zero acceleration Y Grade
±22
arc min
Zero acceleration W Grade
Resolution
12
Bits
Guaranteed no missing codes
Linearity INL
2
LSB
Zero acceleration, 0 to 1,000 rps
Linearity DNL
0.3
LSB
Guaranteed monotonic
Repeatability
1
LSB
Hysteresis
1
LSB
VELOCITY OUTPUT
Velocity Accuracy
2
LSB
Zero acceleration
Resolution
11
Bits
Linearity
1
LSB
Guaranteed by design 2 LSB max
Offset
0
1
LSB
Zero acceleration
Dynamic Ripple
1
LSB
Zero acceleration
DYNAMIC PERFORMANCE
Bandwidth
1,500
1,700
2,000
Hz
Fixed
Tracking Rate
1,000
rps
Guaranteed by design. Tested to 800 rps.
Acceleration Error
30
arc min
At 10,000 rps2
Settling Time 179° Step Input
4.72
5.0
ms
To within stated accuracy
Settling Time 179° Step Input
3.7
3.8
ms
To within one degree
EXC, EXC OUTPUTS
Voltage
3.34
3.6
3.83
V p-p
Load ±100 µA
Center Voltage
2.39
2.47
2.52
V
Frequency
10
kHz
FS1 = high, FS2 = high
12
kHz
FS1 = high, FS2 = low
15
kHz
FS1 = low, FS2 = high
20
kHz
FS1 = low, FS2 = low
EXC/EXC DC Mismatch
35
mV
THD
−60
−55
dB
First five harmonics
FAULT DETECTION BLOCK
LOS
Sin/Cos Threshold
2.86
2.92
3.0
V p-p
DOS and LOT go low when Sin or Cos fall below
threshold.
Angular Accuracy (Worst Case)
45
Degrees
LOS indicated before angular output error exceeds limit
(3.96 V p-p input signal and 2.9 V LOS threshold).
Angular Latency (Worst Case)
90
Degrees
Maximum electrical rotation before LOS is indicated
(3.96 V p-p input signal and 2.9 V LOS threshold).
Time Latency
125
µs
1 The voltages Sin, SinLO, Cos, and CosLO relative to AGND must always be between 0.2 V and AVDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com