Electronic Components Datasheet Search
  English  ▼

X  

AD2S1200 Datasheet(PDF) 1 Page - Analog Devices

Part # AD2S1200
Description  12-Bit R/D Converter with Reference Oscillator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2S1200 Datasheet(HTML) 1 Page - Analog Devices

  AD2S1200 Datasheet HTML 1Page - Analog Devices AD2S1200 Datasheet HTML 2Page - Analog Devices AD2S1200 Datasheet HTML 3Page - Analog Devices AD2S1200 Datasheet HTML 4Page - Analog Devices AD2S1200 Datasheet HTML 5Page - Analog Devices AD2S1200 Datasheet HTML 6Page - Analog Devices AD2S1200 Datasheet HTML 7Page - Analog Devices AD2S1200 Datasheet HTML 8Page - Analog Devices AD2S1200 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
12-Bit R/D Converter
with Reference Oscillator
AD2S1200
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2003 Analog Devices, Inc. All rights reserved.
FEATURES
Complete monolithic R/D converter
Parallel and serial 12-bit data ports
System fault detection
Absolute position and velocity outputs
Differential inputs
±11 arc minutes of accuracy
1,000 rps maximum tracking rate, 12-bit resolution
Incremental encoder emulation (1,024 pulses/rev)
Programmable sinusoidal oscillator on-board
Compatible with DSP and SPI® interface standards
204.8 kHz square wave output
Single-supply operation (5.00 V ± 5%)
−40°C to +125°C temperature rating
44-lead LQFP package
4 kV ESD protection
GENERAL DESCRIPTION
The AD2S1200 is a complete 12-bit resolution tracking resolver-
to-digital converter, integrating an on-board programmable
sinusoidal oscillator that provides sine wave excitation for
resolvers. An external 8.192 MHz crystal is required to provide
a precision time reference. This clock is internally divided to
generate a 4.096 MHz clock to drive all the peripherals.
The converter accepts 3.6 V p-p ± 10% input signals, in the
range of 10 kHz to 20 kHz on the Sin and Cos inputs. A Type II
servo loop is employed to track the inputs and convert the input
Sin and Cos information into a digital representation of the
input angle and velocity. The bandwidth of the converter is set
internally to 1.7 kHz with an external 8.192 MHz crystal. The
maximum tracking rate is 1,000 rps.
FUNCTIONAL BLOCK DIAGRAM
REFERENCE
OSCILLATOR
(DAC)
ADC
SinLO
Sin
ANGLE
θ
ANGLE
φ
ADC
CosLO
Cos
EXC
EXC
A
B
NM
SAMPLE
MONITOR
ERROR
MONITOR
(204.8kHz)
CPO
REFBYP
REFOUT
FS1
FS2
XTALOUT
CLKIN
(8.192MHz)
DOS
LOT
DIR
(4.096MHz)
ERROR
ERROR
CALCULATION/
SIGNAL
MONITOR
DEMODULATOR
CS
RD
POSITION
INTEGRATOR
POSITION REGISTER
MULTIPLEXER
DB11
SO
SOE
RDVEL
RESET
DB10
SCLK
DB9–DB0
AD2S1200
DATA BUS OUTPUT
VELOCITY REGISTER
ENCODER
EMULATION
SYNTHETIC
REFERENCE
VOLTAGE
REFERENCE
INTERNAL
CLOCK
GENERATOR
CLOCK
DIVIDER
FAULT
INDICATORS
DIGITAL
FILTER
VELOCITY
INTEGRATOR
Figure 1.


Similar Part No. - AD2S1200

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD2S1200 AD-AD2S1200 Datasheet
414Kb / 25P
12-Bit R/D Converter Reference Oscillator
23-Feb-2017
AD2S1200WST AD-AD2S1200WST Datasheet
414Kb / 25P
12-Bit R/D Converter Reference Oscillator
23-Feb-2017
AD2S1200YST AD-AD2S1200YST Datasheet
414Kb / 25P
12-Bit R/D Converter Reference Oscillator
23-Feb-2017
AD2S1200 AD-AD2S1200_15 Datasheet
396Kb / 24P
12-Bit R/D Converter with Reference Oscillator
REV. 0
AD2S1200 AD-AD2S1200_17 Datasheet
414Kb / 25P
12-Bit R/D Converter Reference Oscillator
23-Feb-2017
More results

Similar Description - AD2S1200

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1282 LINER-LTC1282 Datasheet
439Kb / 24P
3V 140ksps 12-Bit Sampling A/D Converter with Reference
logo
Analog Devices
AD2S1205 AD-AD2S1205 Datasheet
357Kb / 25P
12-Bit R/D Converter with Reference Oscillator
AD2S1210 AD-AD2S1210 Datasheet
513Kb / 36P
Variable Resolution, 10-Bit to 16-Bit R/D Converter with Reference Oscillator
REV. 0
ADW71205WSTZ AD-ADW71205WSTZ Datasheet
327Kb / 20P
12-Bit RDC with Reference Oscillator
REV. A
ADW71205YSTZ AD-ADW71205YSTZ Datasheet
327Kb / 20P
12-Bit RDC with Reference Oscillator
REV. A
AD2S1210SST-EP-RL7 AD-AD2S1210SST-EP-RL7 Datasheet
345Kb / 16P
Variable Resolution, 10-Bit to 16-Bit R/D Converter with Reference Oscillator
REV. 0
AD2S1200 AD-AD2S1200_15 Datasheet
396Kb / 24P
12-Bit R/D Converter with Reference Oscillator
REV. 0
AD2S1205 AD-AD2S1205_15 Datasheet
327Kb / 20P
12-Bit RDC with Reference Oscillator
REV. A
AD2S1200 AD-AD2S1200_17 Datasheet
414Kb / 25P
12-Bit R/D Converter Reference Oscillator
23-Feb-2017
AD2S1205 AD-AD2S1205_17 Datasheet
341Kb / 21P
12-Bit RDC with Reference Oscillator
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com