Electronic Components Datasheet Search
  English  ▼

X  

AD2S1200 Datasheet(PDF) 2 Page - Analog Devices

Part # AD2S1200
Description  12-Bit R/D Converter with Reference Oscillator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2S1200 Datasheet(HTML) 2 Page - Analog Devices

  AD2S1200 Datasheet HTML 1Page - Analog Devices AD2S1200 Datasheet HTML 2Page - Analog Devices AD2S1200 Datasheet HTML 3Page - Analog Devices AD2S1200 Datasheet HTML 4Page - Analog Devices AD2S1200 Datasheet HTML 5Page - Analog Devices AD2S1200 Datasheet HTML 6Page - Analog Devices AD2S1200 Datasheet HTML 7Page - Analog Devices AD2S1200 Datasheet HTML 8Page - Analog Devices AD2S1200 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
AD2S1200
Rev. 0 | Page 2 of 24
APPLICATIONS
Electric power steering
Electric vehicles
Integrated starter generator/alternator
Encoder emulation
Automotive motion sensing and control
PRODUCT HIGHLIGHTS
•
Complete Resolver-to-Digital Interface:
The AD2S1200
provides the complete solution for digitizing resolver
signals (12-bit resolution) with on-board programmable
sinusoidal oscillator.
•
Ratiometric Tracking Conversion:
This technique
provides continuous output position data without
conversion delay. It also provides noise immunity and
tolerance of harmonic distortion on the reference and
input signals.
•
Triple Format Position Data:
Absolute 12-bit angular
binary position data accessed either via a 12-bit parallel
port or via a 3-wire serial interface. Incremental encoder
emulation in standard A QUAD B format, with direction
output is available.
•
Digital Velocity Output:
12-bit signed digital velocity,
twos complement format, accessed either via a 12-bit
parallel port or via a 3-wire serial interface.
•
Programmable Excitation Frequency:
Excitation fre-
quency easily programmable to 10 kHz, 12 kHz, 15 kHz, or
20 kHz by using the frequency select pins.
•
System Fault Detection:
A fault detection circuit will
detect any loss of resolver signals, out of range input
signals, input signal mismatch, or loss of position tracking.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com