Electronic Components Datasheet Search
  English  ▼

X  

AD5781 Datasheet(PDF) 9 Page - Analog Devices

Part # AD5781
Description  True 18-Bit, Voltage Output DAC 짹0.5 LSB INL, 짹0.5 LSB DNL
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5781 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5781 Datasheet HTML 5Page - Analog Devices AD5781 Datasheet HTML 6Page - Analog Devices AD5781 Datasheet HTML 7Page - Analog Devices AD5781 Datasheet HTML 8Page - Analog Devices AD5781 Datasheet HTML 9Page - Analog Devices AD5781 Datasheet HTML 10Page - Analog Devices AD5781 Datasheet HTML 11Page - Analog Devices AD5781 Datasheet HTML 12Page - Analog Devices AD5781 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Data Sheet
AD5781
Rev. D | Page 9 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
0
50000
100000
150000
200000
250000
DAC CODE
TA = +125°C
TA = +25°C
TA = –40°C
AD8676 REFERENCE BUFFERS
AD8675 OUTPUT BUFFER
VREFP = +10V
VREFN = –10V
VDD = +15V
VSS = –15V
Figure 5. Integral Nonlinearity Error vs. DAC Code, ±10 V Span
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
0
50000
100000
150000
200000
250000
DAC CODE
TA = +125°C
TA = +25°C
TA = –40°C
VREFP = +10V
VREFN = 0V
VDD = +15V
VSS = –15V
AD8676 REFERENCE BUFFERS
AD8675 OUTPUT BUFFER
Figure 6. Integral Nonlinearity Error vs. DAC Code, +10 V Span
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
0
50000
100000
150000
200000
250000
DAC CODE
TA = +125°C
TA = +25°C
TA = –40°C
AD8676 REFERENCE BUFFERS
AD8675 OUTPUT BUFFER
VREFP = +5V
VREFN = 0V
VDD = +15V
VSS = –15V
Figure 7. Integral Nonlinearity Error vs. DAC Code, +5 V Span
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
0
50000
100000
150000
200000
250000
DAC CODE
TA = +25°C
TA = –40°C
TA = +125°C
AD8676 REFERENCE BUFFERS
AD8675 OUTPUT BUFFER
VREFP = +10V
VREFN = 0V
VDD = +15V
VSS = –15V
Figure 8. Integral Nonlinearity Error vs. DAC Code, ±10 V Span, X2 Gain Mode
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
0
50000
100000
150000
200000
250000
DAC CODE
TA = +125°C
TA = +25°C
TA = –40°C
AD8676 REFERENCE BUFFERS
AD8675 OUTPUT BUFFER
VREFP = +10V
VREFN = –10V
VDD = +15V
VSS = –15V
Figure 9. Differential Nonlinearity Error vs. DAC Code, ±10 V Span
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
0
50000
100000
150000
200000
250000
DAC CODE
TA = +125°C
TA = +25°C
TA = –40°C
AD8676 REFERENCE BUFFERS
AD8675 OUTPUT BUFFER
VREFP = +10V
VREFN = 0V
VDD = +15V
VSS = –15V
Figure 10. Differential Nonlinearity Error vs. DAC Code, +10 V Span



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com