Electronic Components Datasheet Search
  English  ▼

X  

AD5781 Datasheet(PDF) 19 Page - Analog Devices

Part # AD5781
Description  True 18-Bit, Voltage Output DAC 짹0.5 LSB INL, 짹0.5 LSB DNL
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5781 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD5781 Datasheet HTML 15Page - Analog Devices AD5781 Datasheet HTML 16Page - Analog Devices AD5781 Datasheet HTML 17Page - Analog Devices AD5781 Datasheet HTML 18Page - Analog Devices AD5781 Datasheet HTML 19Page - Analog Devices AD5781 Datasheet HTML 20Page - Analog Devices AD5781 Datasheet HTML 21Page - Analog Devices AD5781 Datasheet HTML 22Page - Analog Devices AD5781 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
Data Sheet
AD5781
Rev. D | Page 19 of 28
THEORY OF OPERATION
The AD5781 is a high accuracy, fast settling, single, 18-bit,
serial input, voltage output DAC. It operates from a VDD supply
voltage of 7.5 V to 16.5 V and a VSS supply of −16.5 V to −2.5 V.
Data is written to the AD5781 in a 24-bit word format via a 3-wire
serial interface. The AD5781 incorporates a power-on reset
circuit that ensures the DAC output powers up to 0 V with the
VOUT pin clamped to AGND through a ~6 kΩ internal resistor.
DAC ARCHITECTURE
The architecture of the AD5781 consists of two matched DAC
sections. A simplified circuit diagram is shown in Figure 49.
The six MSBs of the 18-bit data-word are decoded to drive 63
switches, E0 to E62. Each of these switches connects one of 63
matched resistors to either the VREFP or VREFN voltage. The
remaining 12 bits of the data-word drive the S0 to S11 switches
of a 12-bit voltage mode R-R ladder network.
2R
S0
2R
S1
2R
S11
2R
E62
2R
E61
2R
E0
12-BIT R-R LADDER
.....................
.....................
..........
..........
RR
R
2R
VREFPF
VREFPS
VREFNF
VREFNS
VOUT
SIX MSBs DECODED INTO
63 EQUAL SEGMENTS
Figure 49. DAC Ladder Structure Serial Interface
The AD5781 has a 3-wire serial interface (SYNC, SCLK, and
SDIN) that is compatible with SPI, QSPI, and MICROWIRE
interface standards, as well as most DSPs (see Figure 2 for a
timing diagram).
Input Shift Register
The input shift register is 24 bits wide. Data is loaded into the
device MSB first as a 24-bit word under the control of a serial
clock input, SCLK, which can operate at up to 35 MHz. The
input register consists of a R/W bit, three address bits, and
twenty data bits as shown in Table 7. The timing diagram for
this operation is shown in Figure 2.
Table 7. Input Shift Register Format
MSB
LSB
DB23
DB22
DB21
DB20
DB19
DB0
R/W
Register address
Register data
Table 8. Decoding the Input Shift Register
R/W
Register Address
Description
X1
0
0
0
No operation (NOP). Used in readback operations.
0
0
0
1
Write to the DAC register.
0
0
1
0
Write to the control register.
0
0
1
1
Write to the clearcode register.
0
1
0
0
Write to the software control register.
1
0
0
1
Read from the DAC register.
1
0
1
0
Read from the control register.
1
0
1
1
Read from the clearcode register.
1 X is don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com