Electronic Components Datasheet Search
  English  ▼

X  

AD5781 Datasheet(PDF) 22 Page - Analog Devices

Part # AD5781
Description  True 18-Bit, Voltage Output DAC 짹0.5 LSB INL, 짹0.5 LSB DNL
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5781 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD5781 Datasheet HTML 18Page - Analog Devices AD5781 Datasheet HTML 19Page - Analog Devices AD5781 Datasheet HTML 20Page - Analog Devices AD5781 Datasheet HTML 21Page - Analog Devices AD5781 Datasheet HTML 22Page - Analog Devices AD5781 Datasheet HTML 23Page - Analog Devices AD5781 Datasheet HTML 24Page - Analog Devices AD5781 Datasheet HTML 25Page - Analog Devices AD5781 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
AD5781
Data Sheet
Rev. D | Page 22 of 28
Control Register
The control register controls the mode of operation of the AD5781.
Table 11. Control Register
MSB
LSB
DB23
DB22
DB21
DB20
DB19...DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
R/
W
Register address
Control register data
R/
W
0
1
0
Reserved
Reserved
LIN COMP
SDODIS
BIN/2sC
DACTRI
OPGND
RBUF
Reserved
Table 12. Control Register Functions
Clearcode Register
The clearcode register sets the value to which the DAC output is set when the CLR pin or CLR bit is asserted. The output value depends
on the DAC coding that is being used, either binary or twos complement. The default register value is 0.
Table 13. Clearcode Register
MSB
LSB
DB23
DB22
DB21
DB20
DB19
DB2
DB1
DB0
R/W
Register address
Clearcode register data
R/W
0
1
1
18-bits of data
X1
X1
1
X is don’t care.
Function
Description
Reserved
These bits are reserved and should be programmed to zero.
RBUF
Output amplifier configuration control.
0: internal amplifier, A1, is powered up and resistors RFB and R1 are connected in series as shown in Figure 52. This allows
an external amplifier to be connected in a gain of two configurations. See the AD5781 Features section for further details.
1: (default) internal amplifier, A1, is powered down and resistors RFB and R1 are connected in parallel as shown in Figure 51
so that the resistance between the RFB and INV pins is 3.4 kΩ, equal to the resistance of the DAC. This allows the RFB and INV
pins to be used for input bias current compensation for an external unity gain amplifier. See the AD5781 Features section
for further details.
OPGND
Output ground clamp control.
0: DAC output clamp to ground is removed, and the DAC is placed in normal mode.
1: (default) DAC output is clamped to ground through a ~6 kΩ resistance, and the DAC is placed in tristate mode.
Resetting the part puts the DAC in OPGND mode, where the output ground clamp is enabled and the DAC is tristated.
Setting the OPGND bit to 1 in the control register overrules any write to the DACTRI bit
DACTRI
DAC tristate control.
0: DAC is in normal operating mode.
1: (default) DAC is in tristate mode.
BIN/2sC
DAC register coding select.
0: (default) DAC register uses twos complement coding.
1: DAC register uses offset binary coding.
SDODIS
SDO pin enable/disable control.
0: (default) SDO pin is enabled.
1: SDO pin is disabled (tristate).
LIN COMP
Linearity error compensation for varying reference input spans. See the AD5781 Features section for further details.
0
0
0
0
(Default) reference input span up to 10 V.
1
1
0
0
Reference input span of 20 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com