Electronic Components Datasheet Search
  English  ▼

X  

IMX53IEC Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # IMX53IEC
Description  i.MX53 Applications Processors for Industrial Products
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53IEC Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button IMX53IEC Datasheet HTML 23Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 24Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 25Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 26Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 27Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 28Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 29Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 30Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 173 page
background image
Electrical Characteristics
i.MX53 Applications Processors for Industrial Products, Rev. 6
Freescale Semiconductor
27
NOTE
The term ‘OVDD’ in this section refers to the associated supply rail of an
input or output. The association is shown in Table 111.
Figure 3. Circuit for Parameters Voh and Vol for I/O Cells
4.3.1
General Purpose I/O (GPIO) DC Parameters
The parameters in Table 10 are guaranteed per the operating ranges in Table 6, unless otherwise noted.
Table 10 shows DC parameters for GPIO pads, operating at two supply ranges:
•1.1 V to 1.3 V
•
1.65V to 3.1V
Table 10. GPIO I/O DC Electrical Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
High-level output voltage1
Voh
Iout = -0.8 mA
OVDD - 0.15
—
—
V
Low-level output voltage1
Vol
Iout = 0.8 mA
—
—
0.15
V
High-Level DC input voltage1, 2
VIH
—
0.7
× OVDD
—
OVDD
V
Low-Level DC input voltage1, 2
VIL
—
0
—
0.3
× OVDD
V
Input Hysteresis
VHYS
OVDD = 1.875 V
OVDD = 2.775 V
0.25
0.34
0.45
—V
Schmitt trigger VT+2, 3
VT+
—
0.5
× OVDD
—
—
V
Schmitt trigger VT-2, 3
VT-
—
—
—
0.5
× OVDD
V
Input current (no pull-up/down)
Iin
Vin = OVDD or 0
—
—
10
μA
Input current (22 k
Ω Pull-up)
Iin
Vin = 0 V
Vin = OVDD
—
—
161
10
μA
Input current (47 k
Ω Pull-up)
Iin
Vin = 0 V
Vin = OVDD
——
76
10
μA
Input current (100 k
Ω Pull-up)
Iin
Vin = 0 V
Vin= OVDD
——
40
10
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com