Electronic Components Datasheet Search
  English  ▼

X  

AD7788 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7788
Description  Low Power, 16-/24-Bit, Sigma-Delta ADCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7788 Datasheet(HTML) 4 Page - Analog Devices

  AD7788 Datasheet HTML 1Page - Analog Devices AD7788 Datasheet HTML 2Page - Analog Devices AD7788 Datasheet HTML 3Page - Analog Devices AD7788 Datasheet HTML 4Page - Analog Devices AD7788 Datasheet HTML 5Page - Analog Devices AD7788 Datasheet HTML 6Page - Analog Devices AD7788 Datasheet HTML 7Page - Analog Devices AD7788 Datasheet HTML 8Page - Analog Devices AD7788 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD7788/AD7789
Rev. B | Page 4 of 20
AD7788
VDD = 2.5 V to 5.25 V (B grade); VDD = 2.7 V to 5.25 V (A grade); REFIN(+) = 2.5 V; REFIN(−) = GND; GND = 0 V; all specifications
TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter1
AD7788 A, AD7788B
Unit
Test Conditions/Comments
ADC CHANNEL SPECIFICATION
Output Update Rate
16.6
Hz nom
ADC CHANNEL
No Missing Codes2
16
Bits min
Resolution
16
Bits p-p
Output Noise
1.5
μV rms typ
Integral Nonlinearity
±15
ppm of FSR max
B grade
±50
ppm of FSR max
A grade2
Offset Error
±3
μV typ
Offset Error Drift vs. Temperature
±10
nV/°C typ
Full-Scale Error3
±10
μV typ
Gain Drift vs. Temperature
±0.5
ppm/°C typ
Power Supply Rejection
90
dB min
B grade
90
dB typ
A grade
ANALOG INPUTS
Differential Input Voltage Ranges
±REFIN
V nom
REFIN = REFIN(+) − REFIN(−)
Absolute AIN Voltage Limits2
GND − 30 mV
V min
VDD + 30 mV
V max
Analog Input Current
Input current varies with input
voltage
Average Input Current2
±400
nA/V typ
Average Input Current Drift
±50
pA/V/°C typ
Normal-Mode Rejection2
@ 50 Hz, 60 Hz
65
dB min
B grade, 50 Hz ± 1 Hz, 60 Hz ± 1 Hz
60
dB min
A grade, 50 Hz ± 1 Hz, 60 Hz ± 1 Hz
Common-Mode Rejection
AIN = 1 V
@ DC
90
dB min
B grade, 100 dB typ
90
dB typ
A grade
@ 50 Hz, 60 Hz2
100
dB min
B grade, 50 Hz ± 1 Hz, 60 Hz ± 1 Hz
100
dB typ
A grade, 50 Hz ± 1 Hz, 60 Hz ± 1 Hz
REFERENCE INPUT
REFIN Voltage
2.5
V nom
REFIN = REFIN(+) − REFIN(−)
Reference Voltage Range2
0.1
V min
VDD
V max
Absolute REFIN Voltage Limits2
GND − 30 mV
V min
VDD + 30 mV
V max
Average Reference Input Current
0.5
μA/V typ
Average Reference Input Current Drift
±0.03
nA/V/°C typ
Normal-Mode Rejection2
@ 50 Hz, 60 Hz
65
dB min
B grade, 50 Hz ± 1 Hz, 60 Hz ± 1 Hz
60
dB min
A grade
Common-Mode Rejection
AIN = 1 V
@ DC
100
dB typ
@ 50 Hz, 60 Hz
110
dB typ
50 Hz ± 1 Hz, 60 Hz ± 1 Hz
1 Temperature range: B grade:
−40°C to +105°C; A grade: −40°C to +85°C.
2 Specification is not production tested but is supported by characterization data at initial product release.
3 Full-scale error applies to both positive and negative full scale and applies at the factory calibration conditions (VDD = 4 V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com