Electronic Components Datasheet Search
  English  ▼

X  

AD7788 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7788
Description  Low Power, 16-/24-Bit, Sigma-Delta ADCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7788 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7788 Datasheet HTML 8Page - Analog Devices AD7788 Datasheet HTML 9Page - Analog Devices AD7788 Datasheet HTML 10Page - Analog Devices AD7788 Datasheet HTML 11Page - Analog Devices AD7788 Datasheet HTML 12Page - Analog Devices AD7788 Datasheet HTML 13Page - Analog Devices AD7788 Datasheet HTML 14Page - Analog Devices AD7788 Datasheet HTML 15Page - Analog Devices AD7788 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AD7788/AD7789
Rev. B | Page 12 of 20
Table 8. Register Selection
RS1
RS0
Register
Register Size
0
0
Communications register during a write operation
8-bit
0
0
Status register during a read operation
8-bit
0
1
Mode register
8-bit
1
0
Reserved
8-bit
1
1
Data register
16-bit (AD7788)
24-bit (AD7789)
Table 9. Channel Selection
CH1
CH0
Channel
0
0
AIN(+) − AIN(−)
0
1
Reserved
1
0
AIN(−) − AIN(−)
1
1
VDD monitor
STATUS REGISTER
(RS1, RS0 = 0, 0; Power-On/Reset = 0x88 for AD7788 and 0x8C for AD7789)
The status register is an 8-bit, read only register. To access the ADC status register, the user must write to the communications register,
select the next operation to be a read, and load Bit RS1 and Bit RS0 with 0. Table 10 outlines the bit designations for the status register.
SR0 through SR7 indicate the bit locations, SR denoting the bits are in the status register. SR7 denotes the first bit of the data stream. The
number(s) in brackets indicates the power-on/reset default status of that bit.
MSB
LSB
SR7
SR6
SR5
SR4
SR3
SR2
SR1
SR0
RDY[1]
ERR[0]
0[0]
0[0]
1[1]
WL[1/0]
CH1[0]
CH0[0]
Table 10. Status Register Bit Designations
Bit Location
Bit Name
Description
SR7
RDY
Ready Bit for ADC. Cleared when data is written to the ADC data register. The RDY bit is set automatically
after the ADC data register has been read or a period of time before the data register is updated with a
new conversion result to tell the user not to read the conversion data. It is also set when the part is
placed in power-down mode. The end of a conversion is indicated by the DOUT/RDY pin. This pin can be
used as an alternative to the status register for monitoring the ADC for conversion data.
SR6
ERR
ADC Error Bit. This bit is written to at the same time as the RDY bit. Set to indicate that the result written
to the ADC data register has been clamped to all 0s or all 1s. Error sources include overrange, under-
range. Cleared by a write operation to start a conversion.
SR5
0
This bit is cleared automatically.
SR4
0
This bit is cleared automatically.
SR3
1
This bit is set automatically.
SR2
WL
AD7788/AD7789 Identifier. This bit is cleared automatically if the device is an AD7788 and it is set
automatically if the device is an AD7789. This bit is used to distinguish between the AD7788 and
AD7789.
SR1 to SR0
CH1 to CH0
These bits indicate which channel is being converted by the ADC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com