Electronic Components Datasheet Search
  English  ▼

X  

AD7788 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7788
Description  Low Power, 16-/24-Bit, Sigma-Delta ADCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7788 Datasheet(HTML) 1 Page - Analog Devices

  AD7788 Datasheet HTML 1Page - Analog Devices AD7788 Datasheet HTML 2Page - Analog Devices AD7788 Datasheet HTML 3Page - Analog Devices AD7788 Datasheet HTML 4Page - Analog Devices AD7788 Datasheet HTML 5Page - Analog Devices AD7788 Datasheet HTML 6Page - Analog Devices AD7788 Datasheet HTML 7Page - Analog Devices AD7788 Datasheet HTML 8Page - Analog Devices AD7788 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Low Power, 16-/24-Bit,
Sigma-Delta ADCs
AD7788/AD7789
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
AD7788: 16-bit resolution
AD7789: 24-bit resolution
Power
Supply: 2.5 V to 5.25 V operation
Normal: 75 μA maximum
Power-down: 1 μA maximum
RMS noise: 1.5 μV
AD7788: 16-bit p-p resolution
AD7789: 19-bit p-p resolution (21.5 bits effective)
Integral nonlinearity: 3.5 ppm typical
Simultaneous 50 Hz and 60 Hz rejection
Internal clock oscillator
VDD monitor channel
10-lead MSOP
INTERFACE
3-wire serial
SPI®-, QSPI™-, MICROWIRE™-, and DSP-compatible
Schmitt trigger on SCLK
APPLICATIONS
Smart transmitters
Battery applications
Portable instrumentation
Sensor measurement
Temperature measurement
Pressure measurement
Weigh scales
4 to 20 mA loops
FUNCTIONAL BLOCK DIAGRAM
SERIAL
INTERFACE
AND
CONTROL
LOGIC
CLOCK
*AD7788: 16-BIT ADC
AD7789: 24-BIT ADC
AIN(+)
AIN(–)
GND
Σ-Δ
ADC*
AD7788/
AD7789
REFIN(+) REFIN(–)
VDD
DOUT/RDY
DIN
SCLK
CS
Figure 1.
GENERAL DESCRIPTION
The AD7788/AD7789 are low power, low noise, analog front
ends for low frequency measurement applications. The AD7789
contains a low noise, 24-bit, ∑-Δ ADC with one differential
input. The AD7788 is a 16-bit version of the AD7789.
The devices operate from an internal clock. Therefore, the
user does not have to supply a clock source to the devices.
The output data rate is 16.6 Hz, which gives simultaneous
50 Hz/60 Hz rejection.
The parts operate with a single power supply from 2.5 V to
5.25 V. When operating from a 3 V supply, the power dissi-
pation for the part is 225 μW maximum. The AD7788/AD7789
are available in a 10-lead MSOP.


Similar Part No. - AD7788

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7788 AD-AD7788_15 Datasheet
382Kb / 20P
Low Power, 16-/24-Bit, Sigma-Delta ADCs
REV. B
More results

Similar Description - AD7788

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1415 MAXIM-MAX1415 Datasheet
669Kb / 36P
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADCs
Rev 0; 1/04
MAX1415 MAXIM-MAX1415_05 Datasheet
574Kb / 36P
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADCs
Rev 1; 12/05
MAX11040K MAXIM-MAX11040K Datasheet
505Kb / 35P
24-/16-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADCs
Rev 1; 4/11
MAX11040K_1111 MAXIM-MAX11040K_1111 Datasheet
650Kb / 35P
24-/16-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADCs
Rev 2; 11/11
MAX11200 MAXIM-MAX11200_12 Datasheet
1Mb / 27P
24-Bit, Single-Channel, Ultra-Low-Power, Delta-Sigma ADCs with GPIO
Rev 1; 10/12
logo
Analog Devices
AD7788 AD-AD7788_15 Datasheet
382Kb / 20P
Low Power, 16-/24-Bit, Sigma-Delta ADCs
REV. B
AD7789 AD-AD7789_15 Datasheet
382Kb / 20P
Low Power, 16-/24-Bit, Sigma-Delta ADCs
REV. B
AD7796 AD-AD7796_15 Datasheet
561Kb / 24P
Low Power, 16-/24-Bit Sigma-Delta ADC
REV. A
AD7797 AD-AD7797_15 Datasheet
561Kb / 24P
Low Power, 16-/24-Bit Sigma-Delta ADC
REV. A
logo
Maxim Integrated Produc...
MAX1415 MAXIM-MAX1415_V01 Datasheet
1Mb / 35P
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADCs
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com