Electronic Components Datasheet Search
  English  ▼

X  

AD7863 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7863
Description  Simultaneous Sampling Dual 175 kSPS 14-Bit ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7863 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7863 Datasheet HTML 3Page - Analog Devices AD7863 Datasheet HTML 4Page - Analog Devices AD7863 Datasheet HTML 5Page - Analog Devices AD7863 Datasheet HTML 6Page - Analog Devices AD7863 Datasheet HTML 7Page - Analog Devices AD7863 Datasheet HTML 8Page - Analog Devices AD7863 Datasheet HTML 9Page - Analog Devices AD7863 Datasheet HTML 10Page - Analog Devices AD7863 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AD7863
Rev. B | Page 7 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
DB1
DB2
DB3
DB4
DB5
DB6
CONVST
DB12
DB11
DB10
DB9
DGND
DB7
DB8
VA2
VREF
A0
CS
DB13
AGND
VB1
VA1
RD
BUSY
VDD
VB2
AGND
DB0
AD7863
TOP VIEW
(Not to Scale)
Figure 4. Pin Configuration
Table 4. Pin Function Descriptions
Pin
No.
Mnemonic
Description
1 to 6
DB12 to DB7
Data Bit 12 to Data Bit 7. Three-state TTL outputs.
7
DGND
Digital Ground. Ground reference for digital circuitry.
8
CONVST
Convert Start Input. Logic input. A high-to-low transition on this input puts both track/holds into their hold mode
and starts conversion on both channels.
9 to 15
DB6 to DB0
Data Bit 6 to Data Bit 0. Three-state TTL outputs.
16
AGND
Analog Ground. Ground reference for mux, track/hold, reference, and DAC circuitry.
17
VB2
Input Number 2 of Channel B. Analog input voltage ranges of ±10 V (AD7863-10), ±2.5 V (AD7863-3), and 0 V to
2.5 V (AD7863-2).
18
VA2
Input Number 2 of Channel A. Analog input voltage ranges of ±10 V (AD7863-10), ±2.5 V (AD7863-3), and 0 V to
2.5 V (AD7863-2).
19
VREF
Reference Input/Output. This pin is connected to the internal reference through a series resistor and is the output
reference source for the analog-to-digital converter. The nominal reference voltage is 2.5 V, and this appears at the pin.
20
A0
Multiplexer Select. This input is used in conjunction with CONVST to determine on which pair of channels the
conversion is to be performed. If A0 is low when the conversion is initiated, then channels VA1 and VA2 are
selected. If A0 is high when the conversion is initiated, channels VB1 and VB2 are selected.
21
CS
Chip Select Input. Active low logic input. The device is selected when this input is active.
22
RD
Read Input. Active low logic input. This input is used in conjunction with CS low to enable the data outputs and
read a conversion result from the AD7863.
23
BUSY
Busy Output. The busy output is triggered high by the falling edge of CONVST and remains high until conversion
is completed.
24
VDD
Analog and Digital Positive Supply Voltage, 5.0 V ± 5%.
25
VA1
Input Number 1 of Channel A. Analog input voltage ranges of ±10 V (AD7863-10), ±2.5 V (AD7863-3), and 0 V to
2.5 V (AD7863-2).
26
VB1
Input Number 1 of Channel B. Analog input voltage ranges of ±10 V (AD7863-10), ±2.5 V (AD7863-3), and 0 V to
2.5 V (AD7863-2).
27
AGND
Analog Ground. Ground reference for mux, track/hold, reference, and DAC circuitry.
28
DB13
Data Bit 13 (MSB). Three-state TTL output. Output coding is twos complement for the AD7863-10 and AD7863-3.
Output coding is straight (natural) binary for the AD7863-2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com