Electronic Components Datasheet Search
  English  ▼

X  

AD7863 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7863
Description  Simultaneous Sampling Dual 175 kSPS 14-Bit ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7863 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7863 Datasheet HTML 12Page - Analog Devices AD7863 Datasheet HTML 13Page - Analog Devices AD7863 Datasheet HTML 14Page - Analog Devices AD7863 Datasheet HTML 15Page - Analog Devices AD7863 Datasheet HTML 16Page - Analog Devices AD7863 Datasheet HTML 17Page - Analog Devices AD7863 Datasheet HTML 18Page - Analog Devices AD7863 Datasheet HTML 19Page - Analog Devices AD7863 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD7863
Rev. B | Page 16 of 24
POWER CONSIDERATIONS
In the automatic power-down mode the part can be operated at
a sample rate that is considerably less than 175 kHz. In this case,
the power consumption is reduced and depends on the sample
rate. Figure 18 shows a graph of the power consumption vs.
sampling rates from 1 Hz to 100 kHz in the automatic power-
down mode. The conditions are 5 V supply at 25°C.
FREQUENCY (kHz)
50
0
0
102030405060708090
100
45
40
35
30
25
20
15
10
5
Figure 18. Power vs. Sample Rate in Auto Power-Down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com