Electronic Components Datasheet Search
  English  ▼

X  

AD7863 Datasheet(PDF) 14 Page - Analog Devices

Part # AD7863
Description  Simultaneous Sampling Dual 175 kSPS 14-Bit ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7863 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7863 Datasheet HTML 10Page - Analog Devices AD7863 Datasheet HTML 11Page - Analog Devices AD7863 Datasheet HTML 12Page - Analog Devices AD7863 Datasheet HTML 13Page - Analog Devices AD7863 Datasheet HTML 14Page - Analog Devices AD7863 Datasheet HTML 15Page - Analog Devices AD7863 Datasheet HTML 16Page - Analog Devices AD7863 Datasheet HTML 17Page - Analog Devices AD7863 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
AD7863
Rev. B | Page 14 of 24
AD7863 DYNAMIC SPECIFICATIONS
The AD7863 is specified and tested for dynamic performance as
well as traditional dc specifications such as integral and
differential nonlinearity. These ac specifications are required for
the signal processing applications such as phased array sonar,
adaptive filters, and spectrum analysis. These applications
require information on the ADC’s effect on the spectral content
of the input signal. Hence, the parameters for which the
AD7863 is specified include SNR, harmonic distortion,
intermodulation distortion, and peak harmonics. These terms
are discussed in more detail in the following sections.
SIGNAL-TO-NOISE RATIO (SNR)
SNR is the measured signal-to-noise ratio at the output of the
ADC. The signal is the rms magnitude of the fundamental.
Noise is the rms sum of all the nonfundamental signals up to
half the sampling frequency (fS/2), excluding dc; SNR is
dependent upon the number of quantization levels used in the
digitization process; the more levels, the smaller the
quantization noise. The theoretical signal-to-noise ratio for a
sine wave input is given by
SNR = (6.02N + 1.76) dB
(1)
where N is the number of bits.
Thus for an ideal 14-bit converter, SNR = 86.04 dB.
Figure 12 shows a histogram plot for 8192 conversions of a dc
input using the AD7863 with 5 V supply. The analog input was
set at the center of a code transition. It can be seen that the
codes appear mainly in the one output bin, indicating very good
noise performance from the ADC.
746
747
748
749
750
751
752
753
754
755
CODE
8000
7000
6000
5000
4000
3000
2000
1000
0
Figure 12. Histogram of 8192 Conversions of a DC Input
The output spectrum from the ADC is evaluated by applying
a sine wave signal of very low distortion to the VAX/BX input,
which is sampled at a 175 kHz sampling rate. A fast fourier
transform (FFT) plot is generated from which the SNR data can
be obtained. Figure 13 shows a typical 8192 point FFT plot of
the AD7863 with an input signal of 10 kHz and a sampling
frequency of 175 kHz. The SNR obtained from this graph is
−80.72 dB. It should be noted that the harmonics are taken into
account when calculating the SNR.
0
1020
304050
607080
90
FREQUENCY (kHz)
0
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
–140
–150
fSAMPLE = 175kHz
fIN = 10kHz
SNR = +80.72dB
THD = –92.96dB
Figure 13. AD7863 FFT Plot
EFFECTIVE NUMBER OF BITS
The formula given in Equation 1 relates the SNR to the number
of bits. Rewriting the formula, as in Equation 2, it is possible to
obtain a measure of performance expressed in effective number
of bits (N).
02
.
6
76
.
1
−
=
SNR
N
(2)
The effective number of bits for a device can be calculated
directly from its measured SNR.
Figure 14 shows a typical plot of effective numbers of bits vs.
frequency for an AD7863-2 with a sampling frequency of
175 kHz. The effective number of bits typically falls between
13.11 and 11.05 corresponding to SNR figures of 80.68 dB
and 68.28 dB.
0
200
400
600
800
1000
FREQUENCY (kHz)
14.0
10.5
11.0
11.5
12.0
12.5
13.0
13.5
10.0
Figure 14. Effective Numbers of Bits vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com