Electronic Components Datasheet Search
  English  ▼

X  

AD8475 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8475
Description  Precision, Selectable Gain, Fully Differential Funnel Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8475 Datasheet(HTML) 4 Page - Analog Devices

  AD8475 Datasheet HTML 1Page - Analog Devices AD8475 Datasheet HTML 2Page - Analog Devices AD8475 Datasheet HTML 3Page - Analog Devices AD8475 Datasheet HTML 4Page - Analog Devices AD8475 Datasheet HTML 5Page - Analog Devices AD8475 Datasheet HTML 6Page - Analog Devices AD8475 Datasheet HTML 7Page - Analog Devices AD8475 Datasheet HTML 8Page - Analog Devices AD8475 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD8475
Rev. B | Page 4 of 24
B Grade
A Grade
Parameter
Test Conditions/Comments
Min
Typ
Max
Min
Typ
Max
Unit
POWER SUPPLY
Specified Voltage
5
5
V
Operating Voltage Range
3
10
3
10
V
Supply Current
3
3.2
3
3.2
mA
Over Temperature
−40°C ≤ TA ≤ +85°C
4
4
mA
TEMPERATURE RANGE
Specified Performance Range
−40
+85
−40
+85
°C
Operating Range
−40
+125
−40
+125
°C
1 Includes amplifier voltage and current noise, as well as noise of internal resistors.
2 Includes input bias and offset current errors.
3 The input voltage range is a function of the voltage supplies and ESD diodes.
4 Internal resistors are trimmed to be ratio matched but have ±20% absolute accuracy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com