Electronic Components Datasheet Search
  English  ▼

X  

AD8475 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8475
Description  Precision, Selectable Gain, Fully Differential Funnel Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8475 Datasheet(HTML) 5 Page - Analog Devices

  AD8475 Datasheet HTML 1Page - Analog Devices AD8475 Datasheet HTML 2Page - Analog Devices AD8475 Datasheet HTML 3Page - Analog Devices AD8475 Datasheet HTML 4Page - Analog Devices AD8475 Datasheet HTML 5Page - Analog Devices AD8475 Datasheet HTML 6Page - Analog Devices AD8475 Datasheet HTML 7Page - Analog Devices AD8475 Datasheet HTML 8Page - Analog Devices AD8475 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AD8475
Rev. B | Page 5 of 24
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltage
11 V
Maximum Voltage at Any Input Pin
+VS + 10.5 V
Minimum Voltage at Any Input Pin
−VS − 16 V
Storage Temperature Range
−65°C to +150°C
Specified Temperature Range
−40°C to +85°C
Operating Temperature Range
−40°C to +125°C
Junction Temperature
150°C
ESD (FICDM)
1500 V
ESD (HBM)
2000 V
Stresses above those listed under Absolute Maximum
Ratings may cause permanent damage to the device. This is
a stress rating only; functional operation of the device at
these or any other conditions above those indicated in the
operational section of this specification is not implied.
Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 3. Thermal Resistance
Package Type
θJA
Unit
16-Lead LFCSP (Exposed Pad)
84.90
°C/W
10-Lead MSOP
214.0
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com