Electronic Components Datasheet Search
  English  ▼

X  

AD8475 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8475
Description  Precision, Selectable Gain, Fully Differential Funnel Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8475 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8475 Datasheet HTML 5Page - Analog Devices AD8475 Datasheet HTML 6Page - Analog Devices AD8475 Datasheet HTML 7Page - Analog Devices AD8475 Datasheet HTML 8Page - Analog Devices AD8475 Datasheet HTML 9Page - Analog Devices AD8475 Datasheet HTML 10Page - Analog Devices AD8475 Datasheet HTML 11Page - Analog Devices AD8475 Datasheet HTML 12Page - Analog Devices AD8475 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD8475
Rev. B | Page 9 of 24
+VS
0.2
0.4
0.6
0.8
1.0
–VS
0.2
0.4
0.6
0.8
1.0
100
1k
10k
100k
1M
RLOAD (Ω)
–40°C
+25°C
+85°C
+105°C
+125°C
Figure 11. Output Voltage Swing vs. RLOAD vs. Temperature,
VS = ±5 V and +5 V
100µs/DIV
0.8 × VIN
VOUT
Figure 12. Overdrive Recovery
–20
–100
–90
–80
–70
–60
–50
–40
–30
100k
1M
10M
FREQUENCY (Hz)
Figure 13. Power Supply Rejection Ratio (PSRR) vs. Frequency
+VS
0.2
0.4
0.6
0.8
1.0
–VS
0.2
0.4
0.6
0.8
1.0
10µA
100µA
1mA
10mA
100mA
OUTPUT CURRENT (A)
–40°C
+25°C
+85°C
+105°C
+125°C
Figure 14. Output Voltage Swing vs. Output Current vs. Temperature,
VS = ±5 V and +5 V
10
0
1
2
3
4
5
6
7
8
9
100
10M
1M
100k
10k
1k
FREQUENCY (Hz)
Figure 15. Maximum Output Voltage vs. Frequency
100
20
30
40
50
60
70
80
90
10M
100M
1M
100k
10k
1k
FREQUENCY (Hz)
G = 0.8
G = 0.4
Figure 16. CMRR vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com