Electronic Components Datasheet Search
  English  ▼

X  

GD82541GI Datasheet(PDF) 29 Page - Intel Corporation

Part # GD82541GI
Description  82541 Family of Gigabit Ethernet Controllers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

GD82541GI Datasheet(HTML) 29 Page - Intel Corporation

Back Button GD82541GI Datasheet HTML 25Page - Intel Corporation GD82541GI Datasheet HTML 26Page - Intel Corporation GD82541GI Datasheet HTML 27Page - Intel Corporation GD82541GI Datasheet HTML 28Page - Intel Corporation GD82541GI Datasheet HTML 29Page - Intel Corporation GD82541GI Datasheet HTML 30Page - Intel Corporation GD82541GI Datasheet HTML 31Page - Intel Corporation GD82541GI Datasheet HTML 32Page - Intel Corporation GD82541GI Datasheet HTML 33Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
Networking Silicon — 82541(PI/GI/EI)
29
Figure 5. AC Test Loads for General Output Pins
VTH
VTL
VTEST
CLK
VTEST
VSTEP (3.3 V Signalling)
Output
Delay
Tri-State
Output
output current
leakage current
TON
TOFF
<
_
Figure 6. AC Test Loads for General Output Pins
VTH
VTL
VTEST
CLK
TSU
VTEST
Input
VMAX
VTEST
VTL
VTH
Input
Valid
TH
Table 19. PCI Bus Interface Timing Measurement Conditions
Symbol
Parameter
PCI 66 MHz
3.3 v
Unit
VTH
Input measurement test voltage (high)
0.6 * VCC
V
VTL
Input measurement test voltage (low)
0.2 * VCC
V
VTEST
Output measurement test voltage
0.4 * VCC
V
Input signal slew rate
1.5
V/ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com