Electronic Components Datasheet Search
  English  ▼

X  

GD82541GI Datasheet(PDF) 34 Page - Intel Corporation

Part # GD82541GI
Description  82541 Family of Gigabit Ethernet Controllers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

GD82541GI Datasheet(HTML) 34 Page - Intel Corporation

Back Button GD82541GI Datasheet HTML 30Page - Intel Corporation GD82541GI Datasheet HTML 31Page - Intel Corporation GD82541GI Datasheet HTML 32Page - Intel Corporation GD82541GI Datasheet HTML 33Page - Intel Corporation GD82541GI Datasheet HTML 34Page - Intel Corporation GD82541GI Datasheet HTML 35Page - Intel Corporation GD82541GI Datasheet HTML 36Page - Intel Corporation GD82541GI Datasheet HTML 37Page - Intel Corporation GD82541GI Datasheet HTML 38Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 46 page
background image
82541(PI/GI/EI) — Networking Silicon
34
Figure 12. 196 PBGA Package Pad Detail
As illustrated in Figure 12, the Ethernet controller package uses solder mask defined pads. The
copper area is 0.60 mm and the opening in the solder mask is 0.45 mm. The nominal ball sphere
diameter is 0.50 mm.
0.45
Solder Resist Opening
0.60
Metal Diameter
Detail Area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com