Electronic Components Datasheet Search
  English  ▼

X  

GD82541GI Datasheet(PDF) 4 Page - Intel Corporation

Part # GD82541GI
Description  82541 Family of Gigabit Ethernet Controllers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

GD82541GI Datasheet(HTML) 4 Page - Intel Corporation

  GD82541GI Datasheet HTML 1Page - Intel Corporation GD82541GI Datasheet HTML 2Page - Intel Corporation GD82541GI Datasheet HTML 3Page - Intel Corporation GD82541GI Datasheet HTML 4Page - Intel Corporation GD82541GI Datasheet HTML 5Page - Intel Corporation GD82541GI Datasheet HTML 6Page - Intel Corporation GD82541GI Datasheet HTML 7Page - Intel Corporation GD82541GI Datasheet HTML 8Page - Intel Corporation GD82541GI Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
82541(PI/GI/EI) — Networking Silicon
iv
5.4
Visual Pin Assignments....................................................................................... 46
Figures
1
82541(PI/GI/EI) External Architecture Block Diagram ........................................ 11
2
Internal Architecture Block Diagram.................................................................... 12
3
AC Test Loads for General Output Pins.............................................................. 27
4
AC Test Loads for General Output Pins.............................................................. 28
5
AC Test Loads for General Output Pins.............................................................. 29
6
AC Test Loads for General Output Pins.............................................................. 29
7
TVAL (max) Rising Edge Test Load.................................................................... 30
8
TVAL (max) Falling Edge Test Load ................................................................... 30
9
TVAL (min) Test Load ......................................................................................... 30
10
TVAL Test Load (PCI 5 V Signaling Environment) ............................................. 31
11
Link Interface Rise/Fall Timing ............................................................................ 31
11
82541(PI/GI/EI) Mechanical Specifications......................................................... 33
12
196 PBGA Package Pad Detail........................................................................... 34
13
Visual Pin Assignments....................................................................................... 46
Tables
1
Absolute Maximum Ratings ................................................................................ 19
2
Recommended Operating Conditions ................................................................ 19
3
3.3V Supply Voltage Ramp ................................................................................. 20
4
1.8V Supply Voltage Ramp ................................................................................. 20
5
1.2V Supply Voltage Ramp ................................................................................. 21
6
DC Characteristics .............................................................................................. 22
7
Power Specifications - D0a ................................................................................. 22
8
Power Specifications - D3cold ............................................................................ 23
9
Power Specifications D(r) Uninitialized ............................................................... 23
10
Power Specifications - Complete Subsystem ..................................................... 24
11
I/O Characteristics............................................................................................... 24
12
AC Characteristics: 3.3 V Interfacing .................................................................. 25
13
25 MHz Clock Input Requirements ..................................................................... 25
14
Reference Crystal Specification Requirements................................................... 26
15
Link Interface Clock Requirements ..................................................................... 26
16
EEPROM Interface Clock Requirements ............................................................ 26
17
PCI Bus Interface Clock Parameters .................................................................. 27
18
PCI Bus Interface Timing Parameters................................................................. 28
19
PCI Bus Interface Timing Measurement Conditions ........................................... 29
20
Link Interface Rise and Fall Times...................................................................... 31
21
EEPROM Link Interface Clock Requirements..................................................... 32
22
EEPROM Link Interface Clock Requirements..................................................... 32
13
Thermal Characteristics ...................................................................................... 35
14
PCI Address, Data and Control Signals .............................................................. 36
15
PCI Arbitration Signals ........................................................................................ 36
16
Interrupt Signals .................................................................................................. 36
17
System Signals ................................................................................................... 36
18
Error Reporting Signals....................................................................................... 37
19
Power Management Signals ............................................................................... 37
20
SMB Signals........................................................................................................ 37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com