Electronic Components Datasheet Search
  English  ▼

X  

AD797 Datasheet(PDF) 6 Page - Analog Devices

Part # AD797
Description  Ultralow Noise Amplifier at Lower Power
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD797 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD797 Datasheet HTML 2Page - Analog Devices AD797 Datasheet HTML 3Page - Analog Devices AD797 Datasheet HTML 4Page - Analog Devices AD797 Datasheet HTML 5Page - Analog Devices AD797 Datasheet HTML 6Page - Analog Devices AD797 Datasheet HTML 7Page - Analog Devices AD797 Datasheet HTML 8Page - Analog Devices AD797 Datasheet HTML 9Page - Analog Devices AD797 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ADA4075-2
Data Sheet
Rev. B | Page 6 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, unless otherwise noted.
0
50
100
150
200
250
–1.0
–0.5
0
0.5
1.0
VSY = ±15V
VCM = 0V
BASED ON 600 OP AMPS
SOIC PACKAGE
VOS (mV)
Figure 3. Input Offset Voltage Distribution
0
20
40
60
80
100
–1.0
–0.5
0
0.5
1.0
VSY = ±15V
VCM = 0V
BASED ON 300 OP AMPS
LFCSP PACKAGE
VOS (mV)
Figure 4. Input Offset Voltage Distribution
0
10
20
30
40
50
60
70
–2.0 –1.6 –1.2 –0.8 –0.4
0
0.4
0.8
1.2
1.6
2.0
VSY = ±15V
–40°C ≤ TA ≤ +125°C
BASED ON 200 OP AMPS
SOIC PACKAGE
TCVOS (μV/°C)
Figure 5. Input Offset Voltage Drift Distribution
0
50
100
150
200
250
–1.0
–0.5
0
0.5
1.0
VSY = ±5V
VCM = 0V
BASED ON 600 OP AMPS
SOIC PACKAGE
VOS (mV)
Figure 6. Input Offset Voltage Distribution
0
20
40
60
80
100
–1.0
–0.5
0
0.5
1.0
VSY = ±5V
VCM = 0V
BASED ON 300 OP AMPS
LFCSP PACKAGE
VOS (mV)
Figure 7. Input Offset Voltage Distribution
0
10
20
30
40
50
60
80
70
–2.0 –1.6 –1.2 –0.8 –0.4
0
0.4
0.8
1.2
1.6
2.0
TCVOS (μV/°C)
VSY = ±5V
–40°C ≤ TA ≤ +125°C
BASED ON 200 OP AMPS
SOIC PACKAGE
Figure 8. Input Offset Voltage Drift Distribution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com