Electronic Components Datasheet Search
  English  ▼

X  

AD797 Datasheet(PDF) 9 Page - Analog Devices

Part # AD797
Description  Ultralow Noise Amplifier at Lower Power
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD797 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD797 Datasheet HTML 5Page - Analog Devices AD797 Datasheet HTML 6Page - Analog Devices AD797 Datasheet HTML 7Page - Analog Devices AD797 Datasheet HTML 8Page - Analog Devices AD797 Datasheet HTML 9Page - Analog Devices AD797 Datasheet HTML 10Page - Analog Devices AD797 Datasheet HTML 11Page - Analog Devices AD797 Datasheet HTML 12Page - Analog Devices AD797 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Data Sheet
ADA4075-2
Rev. B | Page 9 of 24
–100
–80
–60
–40
–20
0
20
40
60
80
100
120
140
–100
–80
–60
–40
–20
0
20
40
60
80
100
120
140
GAIN
PHASE
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
VSY = ±15V
Figure 21. Open-Loop Gain and Phase vs. Frequency
50
–20
–10
0
10
20
30
40
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
AV = +100
VSY = ±15V
AV = +10
AV = +1
Figure 22. Closed-Loop Gain vs. Frequency
AV = +1
AV = +10
AV = +100
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
VSY = ±15V
0.001
0.01
0.1
1
10
100
1k
Figure 23. Output Impedance vs. Frequency
0
20
40
60
80
100
120
140
–80
–60
–40
–20
–80
–100
–100
–60
–40
–20
0
20
40
60
80
100
120
140
GAIN
PHASE
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
VSY = ±5V
Figure 24. Open-Loop Gain and Phase vs. Frequency
50
–20
–10
0
10
20
30
40
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
AV = +100
VSY = ±5V
AV = +10
AV = +1
Figure 25. Closed-Loop Gain vs. Frequency
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
AV = +1
AV = +10
AV = +100
VSY = ±5V
0.001
0.01
0.1
1
10
100
1k
Figure 26. Output Impedance vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com