Electronic Components Datasheet Search
  English  ▼

X  

AD797 Datasheet(PDF) 20 Page - Analog Devices

Part # AD797
Description  Ultralow Noise Amplifier at Lower Power
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD797 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD797 Datasheet HTML 16Page - Analog Devices AD797 Datasheet HTML 17Page - Analog Devices AD797 Datasheet HTML 18Page - Analog Devices AD797 Datasheet HTML 19Page - Analog Devices AD797 Datasheet HTML 20Page - Analog Devices AD797 Datasheet HTML 21Page - Analog Devices AD797 Datasheet HTML 22Page - Analog Devices AD797 Datasheet HTML 23Page - Analog Devices AD797 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
ADA4075-2
Data Sheet
Rev. B | Page 20 of 24
LOW NOISE PARAMETRIC EQUALIZER
The circuit in Figure 69 is a reciprocal parametric equalizer
yielding ±20 dB of cut or boost with variable bandwidth and
frequency. The frequency control range is 6.9:1, with the geometric
mean center frequency conveniently occurring at the midpoint
of the potentiometer setting. The center frequency is equal to
48 Hz/Ct, where Ct is the value of C1 and C2 in microfarads.
The bandwidth control adjusts the Q from 0.9 to about 11. The
overall noise is setting dependent, but with all controls centered,
it is about −104 dBV in a 20 kHz bandwidth. Such a low noise
level can obviate the need for a bypass switch in many applications.
1/2
C2*
100Ω
1kΩ
BANDWIDTH
*THE CENTER FREQUENCY IS AFFECTED BY THE VALUE OF C1 AND C2
(SEE THE LOW NOISE PARAMETRIC EQUALIZER SECTION FOR MORE DETAILS).
1.3kΩ
1/2
1/2
C1*
2.5kΩ
620Ω
2.5kΩ
620Ω
1.5kΩ
1.3kΩ
2.5kΩ
1/2
ADA4075-2
ADA4075-2
ADA4075-2
ADA4075-2
6.2kΩ
6.2kΩ
47µF
5kΩ
BOOST
CUT
1.5kΩ
IN
OUT
2.5kΩ
2.7kΩ
620Ω
FREQUENCY (GANGED POTENTIOMETER)
Figure 69. Low Noise Parametric Equalizer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com