Electronic Components Datasheet Search
  English  ▼

X  

OP262 Datasheet(PDF) 7 Page - Analog Devices

Part # OP262
Description  Ultralow Noise Amplifier at Lower Power
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP262 Datasheet(HTML) 7 Page - Analog Devices

Back Button OP262 Datasheet HTML 3Page - Analog Devices OP262 Datasheet HTML 4Page - Analog Devices OP262 Datasheet HTML 5Page - Analog Devices OP262 Datasheet HTML 6Page - Analog Devices OP262 Datasheet HTML 7Page - Analog Devices OP262 Datasheet HTML 8Page - Analog Devices OP262 Datasheet HTML 9Page - Analog Devices OP262 Datasheet HTML 10Page - Analog Devices OP262 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
ADA4075-2
Rev. B | Page 7 of 24
40
35
30
25
20
15
10
5
0
01
23456
7
8
TCVOS (µV/°C)
VSY = ±15V
VCM = 0V
BASED ON 300 OP AMPS
LFCSP PACKAGE
Figure 9. Input Offset Voltage Drift Distribution
–300
–200
–100
0
100
200
300
–15
–10
–5
0
5
10
15
VSY = ±15V
BASED ON 60 OP AMPS
VCM (V)
Figure 10. Input Offset Voltage vs. Common-Mode Voltage
TEMPERATURE (°C)
0
20
40
60
80
–50
–25
0
25
50
75
100
125
VSY = ±15V
Figure 11. Input Bias Current vs. Temperature
40
35
30
25
20
15
10
5
0
0
1
234
5
678
TCVOS (µV/°C)
VSY = ±5V
VCM = 0V
BASED ON 300 OP AMPS
LFCSP PACKAGE
Figure 12. Input Offset Voltage Drift Distribution
–5
–4
–3
–2
–1
0
1
2
3
4
5
–300
–200
–100
0
100
200
300
VCM (V)
VSY = ±5V
BASED ON 60 OP AMPS
Figure 13. Input Offset Voltage vs. Common-Mode Voltage
TEMPERATURE (°C)
0
20
40
60
100
80
–50
–25
0
25
50
75
100
125
VSY = ±5V
Figure 14. Input Bias Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com