Electronic Components Datasheet Search
  English  ▼

X  

OP262 Datasheet(PDF) 11 Page - Analog Devices

Part # OP262
Description  Ultralow Noise Amplifier at Lower Power
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP262 Datasheet(HTML) 11 Page - Analog Devices

Back Button OP262 Datasheet HTML 7Page - Analog Devices OP262 Datasheet HTML 8Page - Analog Devices OP262 Datasheet HTML 9Page - Analog Devices OP262 Datasheet HTML 10Page - Analog Devices OP262 Datasheet HTML 11Page - Analog Devices OP262 Datasheet HTML 12Page - Analog Devices OP262 Datasheet HTML 13Page - Analog Devices OP262 Datasheet HTML 14Page - Analog Devices OP262 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Data Sheet
ADA4075-2
Rev. B | Page 11 of 24
VSY = ±15V
VIN = 20V p-p
AV = +1
RL = 2kΩ
CL = 100pF
TIME (4µs/DIV)
0V
Figure 33. Large Signal Transient Response
VSY = ±15V
VIN = 100mV p-p
AV = +1
RL = 2kΩ
CL = 100pF
TIME (10µs/DIV)
0V
Figure 34. Small Signal Transient Response
0
2
4
–20
–15
–10
–5
0
VSY = ±15V
INPUT
OUTPUT
TIME (1µs/DIV)
Figure 35. Negative Overload Recovery
VSY = ±5V
VIN = 7V p-p
AV = +1
RL = 2kΩ
CL = 100pF
TIME (4µs/DIV)
0V
Figure 36. Large Signal Transient Response
VSY = ±5V
VIN = 100mV p-p
AV = +1
RL = 2kΩ
CL = 100pF
TIME (10µs/DIV)
0V
Figure 37. Small Signal Transient Response
–8
–6
–4
–2
0
0
2
4
VSY = ±5V
INPUT
OUTPUT
TIME (1µs/DIV)
Figure 38. Negative Overload Recovery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com