Electronic Components Datasheet Search
  English  ▼

X  

OP262 Datasheet(PDF) 8 Page - Analog Devices

Part # OP262
Description  Ultralow Noise Amplifier at Lower Power
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP262 Datasheet(HTML) 8 Page - Analog Devices

Back Button OP262 Datasheet HTML 4Page - Analog Devices OP262 Datasheet HTML 5Page - Analog Devices OP262 Datasheet HTML 6Page - Analog Devices OP262 Datasheet HTML 7Page - Analog Devices OP262 Datasheet HTML 8Page - Analog Devices OP262 Datasheet HTML 9Page - Analog Devices OP262 Datasheet HTML 10Page - Analog Devices OP262 Datasheet HTML 11Page - Analog Devices OP262 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ADA4075-2
Data Sheet
Rev. B | Page 8 of 24
0
10
20
30
40
50
60
–15
–10
–5
0
5
10
15
VCM (V)
VSY = ±15V
Figure 15. Input Bias Current vs. Input Common-Mode Voltage
LOAD CURRENT (mA)
0.1
1
10
0.001
0.01
0.1
1
10
100
V+ – VOH
VOL – V–
VSY = ±15V
Figure 16. Output Voltage to Supply Rail vs. Load Current
TEMPERATURE (°C)
0
0.5
1.0
1.5
2.0
2.5
–50
–25
0
25
50
75
100
125
VOL – V–
V+ – VOH
VSY = ±15V
RL = 2kΩ
Figure 17. Output Voltage to Supply Rail vs. Temperature
–4
–3
–2
–1
01234
0
10
20
30
40
50
60
VCM (V)
VSY = ±5V
Figure 18. Input Bias Current vs. Input Common-Mode Voltage
LOAD CURRENT (mA)
0.1
1
10
0.001
0.01
0.1
1
10
100
V+ – VOH
VSY = ±5V
VOL – V–
Figure 19. Output Voltage to Supply Rail vs. Load Current
TEMPERATURE (°C)
0
0.5
1.0
1.5
2.0
–50
–25
0
25
50
75
100
125
V+ – VOH
VOL – V–
VSY = ±5V
RL = 2kΩ
Figure 20. Output Voltage to Supply Rail vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com