Electronic Components Datasheet Search
  English  ▼

X  

ADG508ATE Datasheet(PDF) 6 Page - Analog Devices

Part # ADG508ATE
Description  CMOS 4-/8-Channel Analog Multiplexers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG508ATE Datasheet(HTML) 6 Page - Analog Devices

Back Button ADG508ATE Datasheet HTML 2Page - Analog Devices ADG508ATE Datasheet HTML 3Page - Analog Devices ADG508ATE Datasheet HTML 4Page - Analog Devices ADG508ATE Datasheet HTML 5Page - Analog Devices ADG508ATE Datasheet HTML 6Page - Analog Devices ADG508ATE Datasheet HTML 7Page - Analog Devices ADG508ATE Datasheet HTML 8Page - Analog Devices ADG508ATE Datasheet HTML 9Page - Analog Devices ADG508ATE Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADG508A/ADG509A
Rev. D | Page 6 of 16
ADG508A/
ADG509A
K Version
ADG508A/
ADG509A
B Version
ADG508A/
ADG509A
T Version
Parameter
+25°C
−40°C to
+85°C
+25°C
−40°C to
+85°C
+25°C
−55°C to
+125°C
Unit
Comments
POWER SUPPLY
IDD
0.6
0.6
0.6
mA typ
VIN = VINL or VINH
1.5
1.5
1.5
mA max
Power Dissipation
10
10
10
mW typ
25
25
25
mW max
1 Sample tested at 25°C to ensure compliance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com