Electronic Components Datasheet Search
  English  ▼

X  

ADG508ATE Datasheet(PDF) 7 Page - Analog Devices

Part # ADG508ATE
Description  CMOS 4-/8-Channel Analog Multiplexers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG508ATE Datasheet(HTML) 7 Page - Analog Devices

Back Button ADG508ATE Datasheet HTML 3Page - Analog Devices ADG508ATE Datasheet HTML 4Page - Analog Devices ADG508ATE Datasheet HTML 5Page - Analog Devices ADG508ATE Datasheet HTML 6Page - Analog Devices ADG508ATE Datasheet HTML 7Page - Analog Devices ADG508ATE Datasheet HTML 8Page - Analog Devices ADG508ATE Datasheet HTML 9Page - Analog Devices ADG508ATE Datasheet HTML 10Page - Analog Devices ADG508ATE Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADG508A/ADG509A
Rev. D | Page 7 of 16
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Ratings
VDD to VSS
44 V
VDD to GND
32 V
VSS to GND
–32 V
Analog Inputs1
Voltage at S, D
VSS − 2 V to VDD + 2 V or 20 mA,
whichever occurs first
Continuous Current, S or D
20 mA
Pulsed Current S or D
1 ms Duration, 10% Duty Cycle
40 mA
Digital Inputs1
Voltage at A, EN
VSS − 4 V to VDD + 4 V or 20 mA,
whichever occurs first
Power Dissipation (Any Package)
Up to 75°C
470 mW
Derates Above 75°C by
6 mW/°C
Operating Temperature
Commercial (K Version)
−40°C to +85°C
Industrial (B Version)
−40°C to +85°C
Extended (T Version)
−55°C to +125°C
Storage Temperature Range
−65°C to +150°C
1Overvoltage at A, EN, S, or D is clamped by diodes. Current should be limited
to the maximum rating shown in Table 3.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com