Electronic Components Datasheet Search
  English  ▼

X  

ADG508ATE Datasheet(PDF) 12 Page - Analog Devices

Part # ADG508ATE
Description  CMOS 4-/8-Channel Analog Multiplexers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG508ATE Datasheet(HTML) 12 Page - Analog Devices

Back Button ADG508ATE Datasheet HTML 8Page - Analog Devices ADG508ATE Datasheet HTML 9Page - Analog Devices ADG508ATE Datasheet HTML 10Page - Analog Devices ADG508ATE Datasheet HTML 11Page - Analog Devices ADG508ATE Datasheet HTML 12Page - Analog Devices ADG508ATE Datasheet HTML 13Page - Analog Devices ADG508ATE Datasheet HTML 14Page - Analog Devices ADG508ATE Datasheet HTML 15Page - Analog Devices ADG508ATE Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADG508A/ADG509A
Rev. D | Page 12 of 16
0V
3V
50%
OUTPUT
ADDRESS
DRIVE (VIN)
tOPEN
OUTPUT
ADG508A1
A2
A1
A0
50Ω
1kΩ
GND
S1
S2–S7
S8
D
35pF
VIN
2.4V
EN
VDD
VSS
VDD
VSS
5V
1SIMILAR CONNECTION FOR ADG509A.
Figure 20. Break-Before-Make Delay, tOPEN
ENABLE
DRIVE (VIN)
OUTPUT
10%
3V
0V
50%
90%
tON
(EN)
tOFF
(EN)
OUTPUT
ADG508A1
A2
A1
A0
50Ω
1kΩ
GND
S1
S2–S8
D
35pF
VIN
EN
VDD
VSS
VDD
VSS
5V
1SIMILAR CONNECTION FOR ADG509A.
Figure 21. Enable Delay, tON (EN), tOFF (EN)
3V
0V
VIN
VO
QINJ =CL× ΔVO
ΔVO
D
S1
EN
GND
CL
1nF
VO
RS
VS
VDD
VSS
VDD
VSS
A0
A1
A2
ADG508A1
1SIMILAR CONNECTION FOR ADG509A.
50Ω
VIN
Figure 22. Charge Injection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com