Electronic Components Datasheet Search
  English  ▼

X  

OP490 Datasheet(PDF) 6 Page - Analog Devices

Part # OP490
Description  Low Voltage, Micropower, Quad Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP490 Datasheet(HTML) 6 Page - Analog Devices

Back Button OP490 Datasheet HTML 2Page - Analog Devices OP490 Datasheet HTML 3Page - Analog Devices OP490 Datasheet HTML 4Page - Analog Devices OP490 Datasheet HTML 5Page - Analog Devices OP490 Datasheet HTML 6Page - Analog Devices OP490 Datasheet HTML 7Page - Analog Devices OP490 Datasheet HTML 8Page - Analog Devices OP490 Datasheet HTML 9Page - Analog Devices OP490 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
OP490
Rev. E | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
0.4
0.3
2
0.1
0.2
TEMPERATURE (°C)
–75
–50
–25
25
50
75
125
0
VS = ±15V
Figure 4. Input Offset Voltage vs. Temperature
1.6
1.4
0.2
0.6
0.4
1.2
1.0
0.8
TEMPERATURE (°C)
–75
–50
–25
25
50
75
125
0
VS = ±15V
Figure 5. Input Offset Current vs. Temperature
4.8
4.6
3.6
3.8
4.4
4.2
4.0
TEMPERATURE (°C)
–75
–50
–25
25
50
75
125
0
VS = ±15V
Figure 6. Input Bias Current vs. Temperature
90
80
30
40
70
60
50
TEMPERATURE (°C)
–75
–50
–25
25
50
75
125
0
VS = ±15V
VS = ±1.5V
Figure 7. Total Supply Current vs. Temperature
600
500
0
100
400
300
200
SINGLE-SUPPLY VOLTAGE (V)
0
5
10
20
25
30
15
25°C
85°C
125°C
TA = 25°C
RL = 10kΩ
Figure 8. Open-Loop Gain vs. Single-Supply Voltage
140
60
80
100
120
40
20
0
0.1
1
10
100
1k
10k
100k
FREQUENCY (Hz)
180
90
45
0
135
VS = ±15V
TA = 25°C
RL = 10kΩ
GAIN
PHASE
Figure 9. Open-Loop Gain and Phase Shift vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com